Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6751CTR Datasheet(PDF) 55 Page - STMicroelectronics

Part # L6751CTR
Description  Digitally controlled dual PWM for Intel VR12 and AMD SVI
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6751CTR Datasheet(HTML) 55 Page - STMicroelectronics

Back Button L6751CTR Datasheet HTML 49Page - STMicroelectronics L6751CTR Datasheet HTML 50Page - STMicroelectronics L6751CTR Datasheet HTML 51Page - STMicroelectronics L6751CTR Datasheet HTML 52Page - STMicroelectronics L6751CTR Datasheet HTML 53Page - STMicroelectronics L6751CTR Datasheet HTML 54Page - STMicroelectronics L6751CTR Datasheet HTML 55Page - STMicroelectronics L6751CTR Datasheet HTML 56Page - STMicroelectronics L6751CTR Datasheet HTML 57Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 55 / 57 page
background image
DocID025037 Rev 1
55/57
L6751C
Package information
57
Table 18. L6751C WPLGA72 6 x 6 mm package mechanical data
Symbol
Dimensions (mm)
Min.
Typ.
Max.
A
0.60
0.70
0.80
A1
0.005
0.025
0.045
D6.00
D2
3.55
3.60
3.65
E6.00
E2
3.55
3.60
3.65
b
0.25
0.30
0.35
b1
0.20
0.25
0.30
e1
0.5
e2
0.55
k
0.20
0.25
0.30
L1
0.05
0.15
aaa
0.15
bbb
0.10
ddd
0.05
eee
0.08
fff
0.10
ccc
0.10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com