Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6751CTR Datasheet(PDF) 15 Page - STMicroelectronics

Part # L6751CTR
Description  Digitally controlled dual PWM for Intel VR12 and AMD SVI
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6751CTR Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L6751CTR Datasheet HTML 11Page - STMicroelectronics L6751CTR Datasheet HTML 12Page - STMicroelectronics L6751CTR Datasheet HTML 13Page - STMicroelectronics L6751CTR Datasheet HTML 14Page - STMicroelectronics L6751CTR Datasheet HTML 15Page - STMicroelectronics L6751CTR Datasheet HTML 16Page - STMicroelectronics L6751CTR Datasheet HTML 17Page - STMicroelectronics L6751CTR Datasheet HTML 18Page - STMicroelectronics L6751CTR Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 57 page
background image
DocID025037 Rev 1
15/57
L6751C
Electrical specifications
57
3
Electrical specifications
3.1
Absolute maximum ratings
Table 4. Absolute maximum ratings
3.2
Electrical characteristics
(VCC5 = 5 V ± 5%, TJ = 0 °C to 70 °C unless otherwise specified.)
Symbol
Parameter
Value
Unit
VDRV, GDC
to GND
-0.3 to 14
V
VCC5, TM, STM, SPWM, PWMx, SENDRV,
ENDRV, SCOMP, COMP, SMDATA, SMAL#,
SMCLK
to GND
-0.3 to 7
V
All other pins
to GND
-0.3 to 3.6
V
Table 5. Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Supply current and power-on
IVCC5
VCC5 supply current
EN = high
28
mA
EN = low
22
mA
UVLOVCC5
VCC5 turn-ON
VCC5 rising
4.1
V
VCC5 turn-OFF
VCC5 falling
3
V
UVLOVDRV
VDRV turn-ON
VDRV rising
6.0
V
VDRV turn-OFF
VDRV falling
3
4.1
V
UVLOVIN
VIN turn-ON
VIN rising, RUP = 118.5 kRDOWN =
10 k
6.0
V
VIN turn-OFF
VIN falling, RUP = 118.5 kRDOWN =
10 k
34.1
V
Oscillator, soft-start and enable
FSW
Main oscillator accuracy
OSC = Open
170
200
230
kHz
Oscillator adjustability
ROSC / RSOSC = 47 k to GND
378
420
462
kHz
FSSW
Main oscillator accuracy
SOSC = Open
212
250
287
kHz
Oscillator adjustability
ROSC / RSOSC = 47 k to GND
450
500
550
kHz
VOSC
PWM ramp amplitude(1)
1.5
V
FAULT
Voltage at pin OSC,
SSOSC
Latch active for related section
3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com