Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LNBH30 Datasheet(PDF) 7 Page - STMicroelectronics

Part # LNBH30
Description  Selectable output current limit by external resistor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH30 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button LNBH30 Datasheet HTML 3Page - STMicroelectronics LNBH30 Datasheet HTML 4Page - STMicroelectronics LNBH30 Datasheet HTML 5Page - STMicroelectronics LNBH30 Datasheet HTML 6Page - STMicroelectronics LNBH30 Datasheet HTML 7Page - STMicroelectronics LNBH30 Datasheet HTML 8Page - STMicroelectronics LNBH30 Datasheet HTML 9Page - STMicroelectronics LNBH30 Datasheet HTML 10Page - STMicroelectronics LNBH30 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
LNBH30
Application information
DocID023739 Rev 2
7/27
voltage power not good function (PNG). Once the OLF (or OTF or PNG) bit is active (set to
“1”), it is latched to “1” until the relevant cause is removed and a new register reading
operation is performed.
2.5
VMON: output voltage diagnostic
When the device output voltage is active (VOUT pin), its value is internally monitored and,
as long as the output voltage level is below the guaranteed limits, the relevant VMON I²C
bit is set to “1” (see Table 12: "Output voltage diagnostic (VMON bit, status register)
characteristics" for more details).
2.6
PDO: overcurrent detection on output pull-down stage
When an overcurrent occurs on the pull-down output stage due to an external voltage
source greater than the LNBH30 nominal VOUT, and for a time longer than ISINK_TIME_OUT (10
ms typ.), the corresponding PDO I²C bit is set to “1”. This may happen due to an external
voltage source presence on the LNB output (VOUT pin).
For current threshold and deglitch time details, see Table 9: "Electrical characteristics".
2.7
Power-on I²C interface reset and undervoltage lockout
The I²C interface built into the LNBH30 is automatically reset at power-on. As long as the
VCC stays below the undervoltage lockout (UVLO) threshold (4.7 V typ.), the interface does
not respond to any I²C command and all DATA register bits are initialized to zeroes,
therefore keeping the power blocks disabled. Once the VCC rises above 4.8 V typ., the I²C
interface becomes operative and the DATA registers can be configured by the main
microprocessor.
2.8
PNG: input voltage minimum detection
When input voltage (VCC pin) is lower than LPD (low power diagnostic) minimum
thresholds, the PNG I²C bit is set to “1”. Refer to Table 9: "Electrical characteristics" for
threshold details.
2.9
OLF: overcurrent and short-circuit protection and diagnostic
In order to reduce the total power dissipation during an overload or a short-circuit condition,
the device is provided with a dynamic short-circuit protection. The overcurrent protection
circuit works dynamically: as soon as an overload is detected, the output current is
provided for TON time (90 ms) and after that, the output is set in shutdown for a TOFF time of
typically 900 ms. Simultaneously, the corresponding diagnostic OLF I²C bit of the status
register is set to “1”. After this time has elapsed, the involved output is resumed for a time
TON. At the end of TON, if the overload is still detected, the protection circuit cycles again
through TOFF and TON. At the end of a full TON in which no overload is detected, normal
operation is resumed and the OLF diagnostic bit is reset to LOW after register reading is
performed. Typical TON +TOFF time is 990 ms and is determined by an internal timer. This
dynamic operation can greatly reduce the power dissipation in short-circuit condition, still
ensuring excellent power-on startup in most conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com