Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PM6686 Datasheet(PDF) 7 Page - STMicroelectronics

Part # PM6686
Description  Constant ON-time control
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6686 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button PM6686 Datasheet HTML 3Page - STMicroelectronics PM6686 Datasheet HTML 4Page - STMicroelectronics PM6686 Datasheet HTML 5Page - STMicroelectronics PM6686 Datasheet HTML 6Page - STMicroelectronics PM6686 Datasheet HTML 7Page - STMicroelectronics PM6686 Datasheet HTML 8Page - STMicroelectronics PM6686 Datasheet HTML 9Page - STMicroelectronics PM6686 Datasheet HTML 10Page - STMicroelectronics PM6686 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 50 page
background image
PM6686
Pin settings
Doc ID 15281 Rev 4
7/50
2
Pin settings
2.1
Connections
Figure 2.
Pin connection (through top view)
2.2
Pin descriptions
Table 2.
Pin descriptions
N°
Pin
Function
1VREF2
Internal 2 V high accuracy voltage reference. It can deliver 50
μA. Loading
VREF2 can affect FB and output accuracy. Bypass to GND with a 100 nF
capacitor.
2TON
Frequency selection pin. It provides a selectable switching frequency,
allowing three different values of switching frequencies for the switching
sections.
3
VCC
Controller supply voltage input. Bypass to GND with a 1
μF capacitor.
4EN_LDO
Enable input for the linear regulator. The LDO is enabled if
EN_LDO is > 1.6 V and is disabled if EN_LDO < 1 V.
5VREF3
Internal 3.3 V high accuracy voltage reference. It can deliver 5 mA if
bypassed to GND with a 10 nF capacitor. If not used, it can be left floating.
6VIN
Device supply voltage pin. VIN is used in the on-time generators of the two
switching controllers. VIN is also used to power the linear regulator when the
switchover function is not active. Connect VIN to the battery input and
bypass with a 1 µF capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com