Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PM6686 Datasheet(PDF) 1 Page - STMicroelectronics

Part # PM6686
Description  Constant ON-time control
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6686 Datasheet(HTML) 1 Page - STMicroelectronics

  PM6686 Datasheet HTML 1Page - STMicroelectronics PM6686 Datasheet HTML 2Page - STMicroelectronics PM6686 Datasheet HTML 3Page - STMicroelectronics PM6686 Datasheet HTML 4Page - STMicroelectronics PM6686 Datasheet HTML 5Page - STMicroelectronics PM6686 Datasheet HTML 6Page - STMicroelectronics PM6686 Datasheet HTML 7Page - STMicroelectronics PM6686 Datasheet HTML 8Page - STMicroelectronics PM6686 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
July 2009
Doc ID 15281 Rev 4
1/50
50
PM6686
Dual step-down controller with adjustable voltages, adjustable LDO
and auxiliary charge pump controller for notebook
Features
■ 5.5 V to 28 V input voltage range
■ Dual fixed OUT1 = 1.5 V/5 V and OUT2 =
1.05 V / 3.3 V outputs or adjustable OUT1 = 0.7
V to 5.5 V and OUT2 = 0.7 V to 2.5 V outputs,
± 1.5% accuracy over valley regulation
■ Low-side MOSFETs' RDS(on) current sensing
and programmable current limit
■ Constant ON-time control
■ Frequency selectable
■ Soft-start internally fixed at 2 ms and soft-stop
■ Selectable pulse skipping at light loads
■ Selectable minimum frequency (33 kHz) in
pulse skip mode
■ Independent Power Good and EN signals
■ Latched OVP and UVP
■ Charge pump feedback
■ Fixed 3.3 V/5.0 V, or adjustable output 0.7 V to
4.5 V, ± 1.5% (LDO): 200 mA
■ 3.3 V reference voltage ± 2.0%: 5 mA
■ 2.0 V reference voltage ± 1.0%: 50 µA
Applications
■ Notebook computers
■ Main (3.3 V/5 V), chipset (1.5 V/1.05 V),
DDR1/2/3, graphic cards power supply
■ PDAs, mobile devices, tablet PC or slates
■ 3-4 cells Li+ battery powered devices
Description
PM6686 is a dual step-down controller specifically
designed to provide extremely high efficiency
conversion, with lossless current sensing
technique. The constant on-time architecture
assures fast load transient response and the
embedded voltage feed-forward provides nearly
constant switching frequency operation. Pulse
skipping technique increases efficiency at very
light load. Moreover a minimum switching
frequency of 33 kHz is selectable to avoid audio
noise issues. The PM6686 provides a selectable
switching frequency, allowing three different
values of switching frequencies for the two
switching sections. The output voltages OUT1
and OUT2 can be programmed to regulate
1.5 V/5 V and 1.05 V/3.3 V outputs respectively or
can deliver two adjustable output voltages. An
optional external charge pump can be monitored.
This device embeds a linear regulator that can
provide 3.3 V/5 V or an adjustable voltage from
0.7 V to 4.5 V output. The linear regulator
provides up to 100 mA output current. LDO can
be bypassed with the switching regulator outputs
or with an external power supply (switchover
function).
When in switchover, the LDO output can source
up to 200 mA.
VFQFPN-32 5 x 5 mm
Table 1.
Device summary
Order codes
Package
Packaging
PM6686
VFQFPN-32L 5 x 5 mm
Tray
PM6686TR
Tape and reel
www.st.com


Similar Part No. - PM6686

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PM6686TR STMICROELECTRONICS-PM6686TR Datasheet
1Mb / 50P
Dual step-down controller with adjustable voltages, adjustable LDO and auxiliary charge pump controller for notebook
23-Jul-2009
More results

Similar Description - PM6686

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2696 NSC-LM2696 Datasheet
833Kb / 19P
3A, Constant On Time Buck Regulator
logo
Micrel Semiconductor
MIC2164 MICREL-MIC2164 Datasheet
918Kb / 36P
Constant Frequency, Synchronous Buck Controllers Featuring Adaptive On-Time Control
MIC2164 MICREL-MIC2164_10 Datasheet
1Mb / 39P
Synchronous Buck Controllers Featuring Adaptive On-Time Control 28V Input, Constant Frequency
logo
Shindengen Electric Mfg...
MTD1120 SHINDENGEN-MTD1120_10 Datasheet
182Kb / 2P
Constant Current Control Function (Fixed OFF Time
logo
Sanken electric
LC5565LD SANKEN-LC5565LD Datasheet
297Kb / 10P
Integrated on-time control circuit
logo
Unisonic Technologies
L8532G-S08-R UTC-L8532G-S08-R Datasheet
227Kb / 8P
Constant On Time PWM Control
logo
STMicroelectronics
PM6675 STMICROELECTRONICS-PM6675 Datasheet
656Kb / 47P
Very fast load transient response using constant on-time control loop
31-Jan-2007
logo
Shindengen Electric Mfg...
MTD1361 SHINDENGEN-MTD1361_17 Datasheet
199Kb / 4P
Constant Current Control Function (Fixed OFF Time)
MTD1120 SHINDENGEN-MTD1120_17 Datasheet
196Kb / 4P
Constant Current Control Function (Fixed OFF Time)
MTD1361F SHINDENGEN-MTD1361F_17 Datasheet
205Kb / 4P
Constant Current Control Function (Fixed OFF Time)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com