Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC564L70xx Datasheet(PDF) 9 Page - STMicroelectronics

Part # SPC564L70xx
Description  This errata sheet describes all the functional
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC564L70xx Datasheet(HTML) 9 Page - STMicroelectronics

Back Button SPC564L70xx Datasheet HTML 5Page - STMicroelectronics SPC564L70xx Datasheet HTML 6Page - STMicroelectronics SPC564L70xx Datasheet HTML 7Page - STMicroelectronics SPC564L70xx Datasheet HTML 8Page - STMicroelectronics SPC564L70xx Datasheet HTML 9Page - STMicroelectronics SPC564L70xx Datasheet HTML 10Page - STMicroelectronics SPC564L70xx Datasheet HTML 11Page - STMicroelectronics SPC564L70xx Datasheet HTML 12Page - STMicroelectronics SPC564L70xx Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
DocID023968 Rev 4
9/15
SPC56EL70xx, SPC564L70xx
Functional problems
14
1.10
e6967: eDMA: Possible misbehavior of a preempted channel
when using continuous link mode
Description:
When using Direct Memory Access (DMA) continuous link mode Control Register
Continuous Link Mode (DMA_CR[CLM]) = 1) with a high priority channel linking to
itself, if the high priority channel preempts a lower priority channel on the cycle before
its last read/write sequence, the counters for the preempted channel (the lower
priority channel) are corrupted. When the preempted channel is restored, it continues
to transfer data past its "done" point (that is the byte transfer counter wraps past zero
and it transfers more data than indicated by the byte transfer count (NBYTES))
instead of performing a single read/write sequence and retiring.
The preempting channel (the higher priority channel) will execute as expected.
Workaround:
Disable continuous link mode (DMA_CR[CLM]=0) if a high priority channel is using
minor loop channel linking to itself and preemption is enabled. The second activation
of the preempting channel will experience the normal startup latency (one read/write
sequence + startup) instead of the shortened latency (startup only) provided by
continuous link mode.
1.11
e7120: NZxC3: DQTAG implemented as variable length field
in DQM message
Description:
The e200zx core implements the Data Tag (DQTAG) field of the Nexus Data
Acquisition Message (DQM) as a variable length packet instead of an 8-bit fixed
length packet. This may result in an extra clock ("beat") in the DQM trace message
depending on the Nexus port width selected for the device.
Workaround:
Tools should decode the DQTAG field as a variable length packet instead of a fixed
length packet.
1.12
e7274: LINFlexD: Consecutive headers received by LIN Slave
triggers error interrupt
Description:
As per the Local Interconnect Network (LIN) specification, the processing of one
frame should be aborted by the detection of a new header sequence. In LINFlexD, if
the LIN Slave receives a new header instead of data response corresponding to a
previous header received, it triggers a framing error during the new header's
reception. The LIN Slave still waiting for the data response corresponding to the first
header received.
The following three steps should be followed -
1.
Set the MODE bit in the LIN Time-Out Control Status Register (LINTCSR[MODE]) to
'0'.
2.
Set Idle on Timeout in the LINTCSR[IOT] register to '1'.
3.
Configure master to wait until the occurrence of the Output Compare flag in LIN Error
Status
Register (LINESR[OCF]) before sending the next header. This flag causes the LIN
Slave to go to an IDLE state before the next header arrives, which will be accepted
without any framing error.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com