Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC564L70xx Datasheet(PDF) 5 Page - STMicroelectronics

Part # SPC564L70xx
Description  This errata sheet describes all the functional
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC564L70xx Datasheet(HTML) 5 Page - STMicroelectronics

  SPC564L70xx Datasheet HTML 1Page - STMicroelectronics SPC564L70xx Datasheet HTML 2Page - STMicroelectronics SPC564L70xx Datasheet HTML 3Page - STMicroelectronics SPC564L70xx Datasheet HTML 4Page - STMicroelectronics SPC564L70xx Datasheet HTML 5Page - STMicroelectronics SPC564L70xx Datasheet HTML 6Page - STMicroelectronics SPC564L70xx Datasheet HTML 7Page - STMicroelectronics SPC564L70xx Datasheet HTML 8Page - STMicroelectronics SPC564L70xx Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
DocID023968 Rev 4
5/15
SPC56EL70xx, SPC564L70xx
Functional problems
14
1
Functional problems
1.1
e3320: Flash: single bit correction status is not available in
the Error Correction Status Module (ECSM) and in the Fault
Collection and Control Unit (FCCU)
Description:
A single bit error correction by the Flash is not passed to the Error Correction Status Module
(ECSM) and to the Fault Collection and Control Unit (FCCU). The single bit error correction
is only flagged by the SBC bit of the Flash Module Configuration Register (MCR).
Workaround:
Poll the SBC bit (Single Bit Correction Status) of the Flash Module Configuration Register
(MCR) to detect a single bit error correction event.
1.2
e3697: e200z: Exceptions generated on speculative prefetch
Description:
The e200z4 core can prefetch up to 2 cache lines (64 bytes total) beyond the current
instruction execution point. If a bus error occurs when reading any of these prefetch
locations, the machine check exception will be taken. For example, executing code within
the last 64 bytes of a memory region such as internal SRAM, may cause a bus error when
the core prefetches past the end of memory. An ECC exception can occur if the core
prefetches locations that are valid, but not yet initialized for ECC.
Workaround:
Do not place code to be executed within the last 64 bytes of a memory region. When
executing code from internal ECC SRAM, initialize memory beyond the end of the code until
the next 32-byte aligned address and then an additional 64 bytes to ensure that prefetches
cannot land in uninitialized SRAM.
1.3
e4016: ADC: Presampling on channels 9, 10, 15 leads to
incorrect results
Description:
On ADC channels 9 (for factory test only) , 10 (VREG_1.2V), 15 (TSENS) when performing
presampling using VSS_HV_ADR (PREVAL0=01) and bypassing the sampling
(PRECONV=1) results in an incorrect converted presampled value.
Workaround:
ADC Conversion Timing Register 1 (CTR1) and Presampling Control Register (PSCR), field
PREVAL1(bits 27:28) can be programmed to select the conversion durations and reference
voltages for ADC channels 9, 10, 15.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com