Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC560B50x Datasheet(PDF) 8 Page - STMicroelectronics

Part # SPC560B50x
Description  Up to 60 DMIPs operation
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560B50x Datasheet(HTML) 8 Page - STMicroelectronics

Back Button SPC560B50x Datasheet HTML 4Page - STMicroelectronics SPC560B50x Datasheet HTML 5Page - STMicroelectronics SPC560B50x Datasheet HTML 6Page - STMicroelectronics SPC560B50x Datasheet HTML 7Page - STMicroelectronics SPC560B50x Datasheet HTML 8Page - STMicroelectronics SPC560B50x Datasheet HTML 9Page - STMicroelectronics SPC560B50x Datasheet HTML 10Page - STMicroelectronics SPC560B50x Datasheet HTML 11Page - STMicroelectronics SPC560B50x Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 116 page
background image
Introduction
SPC560B40x/50x, SPC560C40x/50x
8/116
DocID14619 Rev 13
1
Introduction
1.1
Document overview
This document describes the features of the family and options available within the family
members, and highlights important electrical and physical characteristics of the device. To
ensure a complete understanding of the device functionality, refer also to the device
reference manual and errata sheet.
1.2
Description
The SPC560B40x/50x and SPC560C40x/50x is a family of next generation microcontrollers
built on the Power Architecture embedded category.
The SPC560B40x/50x and SPC560C40x/50x family of 32-bit microcontrollers is the latest
achievement in integrated automotive application controllers. It belongs to an expanding
family of automotive-focused products designed to address the next wave of body
electronics applications within the vehicle. The advanced and cost-efficient host processor
core of this automotive controller family complies with the Power Architecture embedded
category and only implements the VLE (variable-length encoding) APU, providing improved
code density. It operates at speeds of up to 64 MHz and offers high performance processing
optimized for low power consumption. It capitalizes on the available development
infrastructure of current Power Architecture devices and is supported with software drivers,
operating systems and configuration code to assist with users implementations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com