Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC560B50x Datasheet(PDF) 3 Page - STMicroelectronics

Part # SPC560B50x
Description  Up to 60 DMIPs operation
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560B50x Datasheet(HTML) 3 Page - STMicroelectronics

  SPC560B50x Datasheet HTML 1Page - STMicroelectronics SPC560B50x Datasheet HTML 2Page - STMicroelectronics SPC560B50x Datasheet HTML 3Page - STMicroelectronics SPC560B50x Datasheet HTML 4Page - STMicroelectronics SPC560B50x Datasheet HTML 5Page - STMicroelectronics SPC560B50x Datasheet HTML 6Page - STMicroelectronics SPC560B50x Datasheet HTML 7Page - STMicroelectronics SPC560B50x Datasheet HTML 8Page - STMicroelectronics SPC560B50x Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 116 page
background image
DocID14619 Rev 13
3/116
SPC560B40x/50x, SPC560C40x/50x
Contents
4
3.16
RESET electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 57
3.17
Power management electrical characteristics . . . . . . . . . . . . . . . . . . . . . 60
3.17.1
Voltage regulator electrical characteristics . . . . . . . . . . . . . . . . . . . . . . 60
3.17.2
Low voltage detector electrical characteristics . . . . . . . . . . . . . . . . . . . 65
3.18
Power consumption . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 66
3.19
Flash memory electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . 68
3.19.1
Program/Erase characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 68
3.19.2
Flash power supply DC characteristics . . . . . . . . . . . . . . . . . . . . . . . . . 69
3.19.3
Start-up/Switch-off timings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 70
3.20
Electromagnetic compatibility (EMC) characteristics . . . . . . . . . . . . . . . . 70
3.20.1
Designing hardened software to avoid noise problems . . . . . . . . . . . . . 70
3.20.2
Electromagnetic interference (EMI) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 71
3.20.3
Absolute maximum ratings (electrical sensitivity) . . . . . . . . . . . . . . . . . 71
3.21
Fast external crystal oscillator (4 to 16 MHz) electrical characteristics . . 72
3.22
Slow external crystal oscillator (32 kHz) electrical characteristics . . . . . . 75
3.23
FMPLL electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 77
3.24
Fast internal RC oscillator (16 MHz) electrical characteristics . . . . . . . . . 78
3.25
Slow internal RC oscillator (128 kHz) electrical characteristics . . . . . . . . 79
3.26
ADC electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 80
3.26.1
Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 80
3.26.2
Input impedance and ADC accuracy . . . . . . . . . . . . . . . . . . . . . . . . . . . 80
3.26.3
ADC electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 85
3.27
On-chip peripherals . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 87
3.27.1
Current consumption . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 87
3.27.2
DSPI characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 88
3.27.3
Nexus characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 96
3.27.4
JTAG characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 98
4
Package characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 99
4.1
ECOPACK® . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 99
4.2
Package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 99
4.2.1
LQFP64 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 99
4.2.2
LQFP100 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 101
4.2.3
LQFP144 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 102
4.2.4
LBGA208 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com