Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72344K2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST72344K2
Description  SCI asynchronous serial interface
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72344K2 Datasheet(HTML) 1 Page - STMicroelectronics

  ST72344K2 Datasheet HTML 1Page - STMicroelectronics ST72344K2 Datasheet HTML 2Page - STMicroelectronics ST72344K2 Datasheet HTML 3Page - STMicroelectronics ST72344K2 Datasheet HTML 4Page - STMicroelectronics ST72344K2 Datasheet HTML 5Page - STMicroelectronics ST72344K2 Datasheet HTML 6Page - STMicroelectronics ST72344K2 Datasheet HTML 7Page - STMicroelectronics ST72344K2 Datasheet HTML 8Page - STMicroelectronics ST72344K2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 247 page
background image
This is information on a product in full production.
July 2012
Doc ID 12321 Rev 6
1/247
1
ST72344xx, ST72345xx
8-bit MCU with up to 16 Kbytes Flash memory, 10-bit ADC,
two 16-bit timers, two I2C, SPI, SCI
Datasheet
−production data
Features
■
Memories
– up to 16 Kbytes Program memory: single
voltage extended Flash (XFlash) with read-
out and write protection, in-circuit and in-
application programming (ICP and IAP).
10,000 write/erase cycles guaranteed, data
retention: 20 years at 55 °C.
– up to 1 Kbyte RAM
– 256 bytes data EEPROM with readout
protection. 300,000 write/erase cycles
guaranteed, data retention: 20 years at
55 °C.
■
Clock, reset and supply management
– Power on / power off safe reset with
3 programmable threshold levels (LVD)
– Auxiliary voltage detector (AVD)
– Clock sources: crystal/ceramic resonator
oscillators, high-accuracy internal RC
oscillator or external clock
– PLL for 4x or 8x frequency multiplication
– 5 power-saving modes: Slow, Wait, Halt,
Auto-wakeup from Halt and Active-halt
– Clock output capability (fCPU)
■
Interrupt management
– Nested interrupt controller
– 10 interrupt vectors plus TRAP and RESET
– 9 external interrupt lines on 4 vectors
■
Up to 34 I/O ports
– up to 34 multifunctional bidirectional I/O
lines
– up to 12 high sink outputs (10 on 32-pin
devices)
■
4 timers
– Configurable window watchdog timer
–Real-time base
– 16-bit timer A with: 1 input capture, 1 output
compare, external clock input, PWM and
pulse generator modes
– 16-bit timer B with: 2 input captures, 2
output compares, PWM and pulse
generator modes
■
3 communication interfaces
–I2C multimaster / slave
–I2C slave 3 addresses, no stretch, with
DMA access and byte pair coherency on
I²C read
– SCI asynchronous serial interface (LIN
compatible)
– SPI synchronous serial interface
■
1 analog peripheral
– 10-bit ADC with 12 input channels (8 on 32-
pin devices)
■
Instruction set
– 8-bit data manipulation
– 63 basic instructions with illegal opcode
detection
– 17 main addressing modes
– 8 x 8 unsigned multiply instruction
■
Development tools
– Full hardware/software development
package
– On-chip debug module
Table 1.
Device summary
References
Part numbers
ST72344xx
ST72344K2, ST72344K4,
ST72344S2, ST72344S4
ST72345xx
ST72345C4
LQFP48
7 x 7 mm
LQFP44
LQFP32
7 × 7 mm
10 × 10 mm
www.st.com


Similar Part No. - ST72344K2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST72344 STMICROELECTRONICS-ST72344 Datasheet
3Mb / 191P
8-BIT MCU WITH UP TO 16K FLASH MEMORY, 10-BIT ADC, TWO 16-BIT TIMERS, TWO I2C, SPI, SCI
23-Oct-2006
More results

Similar Description - ST72344K2

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP5380 NSC-DP5380 Datasheet
407Kb / 32P
Asynchronous SCSI Interface (ASI)
logo
InnovASIC, Inc
IA82050 INNOVASIC-IA82050 Datasheet
57Kb / 11P
ASYNCHRONOUS SERIAL CONTROLLER
IA82510 INNOVASIC-IA82510 Datasheet
76Kb / 14P
ASYNCHRONOUS SERIAL CONTROLLER
logo
Intel Corporation
M82510 INTEL-M82510 Datasheet
463Kb / 40P
ASYNCHRONOUS SERIAL CONTROLLER
logo
Altera Corporation
A6850 ALTERA-A6850 Datasheet
281Kb / 15P
Asynchronous Communications Interface Adapter
logo
InnovASIC, Inc
IA82050 INNOVASIC-IA82050_11 Datasheet
342Kb / 22P
Asynchronous Serial Controller
IA82510 INNOVASIC-IA82510_11 Datasheet
374Kb / 25P
Asynchronous Serial Controller
logo
Future Technology Devic...
FT231XQ-T FTDI-FT231XQ-T Datasheet
830Kb / 44P
Single chip USB to asynchronous serial data transfer interface
logo
STMicroelectronics
ST72325XXX STMICROELECTRONICS-ST72325XXX Datasheet
2Mb / 243P
SCI asynchronous serial interface
16-Dec-2010
logo
Future Technology Devic...
FT232RL FTDI-FT232RL_V01 Datasheet
1Mb / 40P
Single chip USB to asynchronous serial data transfer interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com