Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72361AR9-Auto Datasheet(PDF) 59 Page - STMicroelectronics

Part # ST72361AR9-Auto
Description  Clock, reset and supply management
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72361AR9-Auto Datasheet(HTML) 59 Page - STMicroelectronics

Back Button ST72361AR9-Auto Datasheet HTML 55Page - STMicroelectronics ST72361AR9-Auto Datasheet HTML 56Page - STMicroelectronics ST72361AR9-Auto Datasheet HTML 57Page - STMicroelectronics ST72361AR9-Auto Datasheet HTML 58Page - STMicroelectronics ST72361AR9-Auto Datasheet HTML 59Page - STMicroelectronics ST72361AR9-Auto Datasheet HTML 60Page - STMicroelectronics ST72361AR9-Auto Datasheet HTML 61Page - STMicroelectronics ST72361AR9-Auto Datasheet HTML 62Page - STMicroelectronics ST72361AR9-Auto Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 279 page
background image
ST72361xx-Auto
Interrupts
Doc ID 12468 Rev 3
59/279
These 2 bits can be written only when I1 and I0 of the CC register are both set to 1 (level 3).
Bits 1:0 = IS0[1:0] ei0 sensitivity
The interrupt sensitivity, defined using the IS0[1:0] bits, is applied to the ei0 external
interrupts:
These 2 bits can be written only when I1 and I0 of the CC register are both set to 1 (level 3).
External Interrupt Control Register 1 (EICR1)
Read/Write
Reset value: 0000 0000 (00h)
BIts 7:2 = Reserved
Bit 1 = TLIS Top Level Interrupt sensitivity
This bit configures the TLI edge sensitivity. It can be set and cleared by software only when
TLIE bit is cleared.
0: Falling edge
1: Rising edge
Bit 0 = TLIE Top Level Interrupt enable
This bit allows to enable or disable the TLI capability on the dedicated pin. It is set and
cleared by software.
0: TLI disabled
1: TLI enabled
Note:
A parasitic interrupt can be generated when clearing the TLIE bit.
In some packages, the TLI pin is not available. In this case, the TLIE bit must be kept low to
avoid parasitic TLI interrupts.
1
0
Falling edge only
1
Rising and falling edge
Table 20.
Interrupt sensitivity - ei0
IS01
IS00
External interrupt sensitivity
0
0
Falling edge and low level
1
Rising edge only
1
0
Falling edge only
1
Rising and falling edge
7
0
00
00
00
TLIS
TLIE
Table 19.
Interrupt sensitivity - ei1
IS11
IS10
External interrupt sensitivity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com