Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72361AR9-Auto Datasheet(PDF) 66 Page - STMicroelectronics

Part # ST72361AR9-Auto
Description  Clock, reset and supply management
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72361AR9-Auto Datasheet(HTML) 66 Page - STMicroelectronics

Back Button ST72361AR9-Auto Datasheet HTML 62Page - STMicroelectronics ST72361AR9-Auto Datasheet HTML 63Page - STMicroelectronics ST72361AR9-Auto Datasheet HTML 64Page - STMicroelectronics ST72361AR9-Auto Datasheet HTML 65Page - STMicroelectronics ST72361AR9-Auto Datasheet HTML 66Page - STMicroelectronics ST72361AR9-Auto Datasheet HTML 67Page - STMicroelectronics ST72361AR9-Auto Datasheet HTML 68Page - STMicroelectronics ST72361AR9-Auto Datasheet HTML 69Page - STMicroelectronics ST72361AR9-Auto Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 279 page
background image
Power saving modes
ST72361xx-Auto
66/279
Doc ID 12468 Rev 3
Note:
As soon as active halt is enabled, executing a HALT instruction while the Watchdog is active
does not generate a RESET.
This means that the device cannot spend more than a defined delay in this power saving
mode.
Figure 27.
ACTIVE HALT timing overview
Figure 28.
ACTIVE HALT mode flow-chart
Note:
1
This delay occurs only if the MCU exits ACTIVE HALT mode by means of a RESET.
2
Peripheral clocked with an external clock source can still be active.
3
Only the RTC interrupt and some specific interrupts can exit the MCU from ACTIVE HALT
mode (such as external interrupt). Refer to Table 16 for more details.
4
Before servicing an interrupt, the CC register is pushed on the stack. The I[1:0] bits in the
CC register are set to the current software priority level of the interrupt routine and restored
when the CC register is popped.
7.6
Auto wake-up from halt mode
Auto Wake-Up From Halt (AWUFH) mode is similar to Halt mode with the addition of an
internal RC oscillator for wake-up. Compared to ACTIVE HALT mode, AWUFH has lower
power consumption because the main clock is not kept running, but there is no accurate
realtime clock available.
HALT
RUN
RUN
256 OR 4096 CYCLE
DELAY (AFTER RESET)
RESET
OR
INTERRUPT
HALT
INSTRUCTION
FETCH
VECTOR
ACTIVE
(Active Halt enabled)
HALT INSTRUCTION
RESET
INTERRUPT 3)
Y
N
N
Y
CPU
OSCILLATOR
PERIPHERALS 2)
I[1:0] BITS
ON
OFF
10
OFF
FETCH RESET VECTOR
OR SERVICE INTERRUPT
CPU
OSCILLATOR
PERIPHERALS
I[1:0] BITS
ON
OFF
XX 4)
ON
CPU
OSCILLATOR
PERIPHERALS
I[1:0] BITS
ON
ON
XX 4)
ON
256 OR 4096 CPU CLOCK
CYCLE DELAY
(MCCSR.OIE=1)
(AWUCSR.AWUEN=0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com