Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72361AR9-Auto Datasheet(PDF) 124 Page - STMicroelectronics

Part # ST72361AR9-Auto
Description  Clock, reset and supply management
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72361AR9-Auto Datasheet(HTML) 124 Page - STMicroelectronics

Back Button ST72361AR9-Auto Datasheet HTML 120Page - STMicroelectronics ST72361AR9-Auto Datasheet HTML 121Page - STMicroelectronics ST72361AR9-Auto Datasheet HTML 122Page - STMicroelectronics ST72361AR9-Auto Datasheet HTML 123Page - STMicroelectronics ST72361AR9-Auto Datasheet HTML 124Page - STMicroelectronics ST72361AR9-Auto Datasheet HTML 125Page - STMicroelectronics ST72361AR9-Auto Datasheet HTML 126Page - STMicroelectronics ST72361AR9-Auto Datasheet HTML 127Page - STMicroelectronics ST72361AR9-Auto Datasheet HTML 128Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 279 page
background image
8-bit timer (TIM8)
ST72361xx-Auto
124/279
Doc ID 12468 Rev 3
13
8-bit timer (TIM8)
13.1
Introduction
The timer consists of a 8-bit free-running counter driven by a programmable prescaler.
It may be used for a variety of purposes, including pulse length measurement of up to two
input signals (input capture) or generation of up to two output waveforms (output compare
and PWM).
Pulse lengths and waveform periods can be modulated from a few microseconds to several
milliseconds using the timer prescaler and the clock prescaler.
13.2
Main features
●
Programmable prescaler: fCPU divided by 2, 4, 8 or fOSC2 divided by 8000.
●
Overflow status flag and maskable interrupt
●
Output compare functions with
–
2 dedicated 8-bit registers
–
2 dedicated programmable signals
–
2 dedicated status flags
–
1 dedicated maskable interrupt
●
Input capture functions with
–
2 dedicated 8-bit registers
–
2 dedicated active edge selection signals
–
2 dedicated status flags
–
1 dedicated maskable interrupt
●
Pulse width modulation mode (PWM)
●
One pulse mode
●
Reduced Power Mode
●
4 alternate functions on I/O ports (ICAP1, ICAP2, OCMP1, OCMP2)*
The Block Diagram is shown in Figure 59.
Note:
Some timer pins may not be available (not bonded) in some ST7 devices. Refer to the
device pin out description.
When reading an input signal on a non-bonded pin, the value will always be ‘1’.
13.3
Functional description
13.3.1
Counter
The main block of the Programmable Timer is a 8-bit free running upcounter and its
associated 8-bit registers.
These two read-only 8-bit registers contain the same value but with the difference that
reading the ACTR register does not clear the TOF bit (Timer overflow flag), located in the
Status register, (SR).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com