Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72361AR9-Auto Datasheet(PDF) 130 Page - STMicroelectronics

Part # ST72361AR9-Auto
Description  Clock, reset and supply management
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72361AR9-Auto Datasheet(HTML) 130 Page - STMicroelectronics

Back Button ST72361AR9-Auto Datasheet HTML 126Page - STMicroelectronics ST72361AR9-Auto Datasheet HTML 127Page - STMicroelectronics ST72361AR9-Auto Datasheet HTML 128Page - STMicroelectronics ST72361AR9-Auto Datasheet HTML 129Page - STMicroelectronics ST72361AR9-Auto Datasheet HTML 130Page - STMicroelectronics ST72361AR9-Auto Datasheet HTML 131Page - STMicroelectronics ST72361AR9-Auto Datasheet HTML 132Page - STMicroelectronics ST72361AR9-Auto Datasheet HTML 133Page - STMicroelectronics ST72361AR9-Auto Datasheet HTML 134Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 279 page
background image
8-bit timer (TIM8)
ST72361xx-Auto
130/279
Doc ID 12468 Rev 3
These registers are readable and writable and are not affected by the timer hardware. A
reset event changes the OCiR value to 00h.
Timing resolution is one count of the free running counter: (fCPU/CC[1:0]).
Procedure
To use the output compare function, select the following in the CR2 register:
●
Set the OCiE bit if an output is needed then the OCMPi pin is dedicated to the output
compare i signal.
●
Select the timer clock (CC[1:0]) (see Table 55).
And select the following in the CR1 register:
●
Select the OLVLi bit to applied to the OCMPi pins after the match occurs.
●
Set the OCIE bit to generate an interrupt if it is needed.
When a match is found between OCRi register and CR register:
●
OCFi bit is set.
●
The OCMPi pin takes OLVLi bit value (OCMPi pin latch is forced low during reset).
●
A timer interrupt is generated if the OCIE bit is set in the CR1 register and the I bit is
cleared in the CC register (CC).
The OCiR register value required for a specific timing application can be calculated using
the following formula:
Where:
t
=
Output compare period (in seconds)
fCPU
=
PLL output x2 clock frequency in hertz (or fOSC/2 if PLL is not enabled)
PRESC =
Timer prescaler factor (2, 4, 8 or 8000 depending on CC[1:0] bits, see
Table 55)
Clearing the output compare interrupt request (that is, clearing the OCFi bit) is done by:
1.
Reading the SR register while the OCFi bit is set.
2.
An access (read or write) to the OCiR register.
Note:
1
Once the OCIE bit is set both output compare features may trigger interrupt requests. If only
one is needed in the application, the interrupt routine software needs to discard the
unwanted compare interrupt. This can be done by checking the OCF1 and OCF2 flags and
resetting them both.
2
If the OCiE bit is not set, the OCMPi pin is a general I/O port and the OLVLi bit will not
appear when a match is found but an interrupt could be generated if the OCIE bit is set.
3
When the timer clock is fCPU/2, OCFi and OCMPi are set while the counter value equals the
OCiR register value (see Figure 66). This behavior is the same in OPM or PWM mode.
OCiR = t *
fCPU
PRESC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com