Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72361AR9-Auto Datasheet(PDF) 141 Page - STMicroelectronics

Part # ST72361AR9-Auto
Description  Clock, reset and supply management
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72361AR9-Auto Datasheet(HTML) 141 Page - STMicroelectronics

Back Button ST72361AR9-Auto Datasheet HTML 137Page - STMicroelectronics ST72361AR9-Auto Datasheet HTML 138Page - STMicroelectronics ST72361AR9-Auto Datasheet HTML 139Page - STMicroelectronics ST72361AR9-Auto Datasheet HTML 140Page - STMicroelectronics ST72361AR9-Auto Datasheet HTML 141Page - STMicroelectronics ST72361AR9-Auto Datasheet HTML 142Page - STMicroelectronics ST72361AR9-Auto Datasheet HTML 143Page - STMicroelectronics ST72361AR9-Auto Datasheet HTML 144Page - STMicroelectronics ST72361AR9-Auto Datasheet HTML 145Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 279 page
background image
ST72361xx-Auto
8-bit timer (TIM8)
Doc ID 12468 Rev 3
141/279
13.7.6
Output compare 2 register (OC2R)
Read/ write
Reset value: 0000 0000 (00h)
This is an 8-bit register that contains the value to be compared to the CTR register.
13.7.7
Counter register (CTR)
Read only
Reset value: 1111 1100 (FCh)
This is an 8-bit register that contains the counter value. A write to this register resets the
counter. An access to this register after accessing the CSR register clears the TOF bit.
13.7.8
Alternate counter register (ACTR)
Read only
Reset value: 1111 1100 (FCh)
This is an 8-bit register that contains the counter value. A write to this register resets the
counter. An access to this register after an access to CSR register does not clear the TOF
bit in the CSR register.
13.7.9
Input capture 2 register (IC2R)
Read Only
Reset value: Undefined
This is an 8-bit read only register that contains the counter value (transferred by the Input
Capture 2 event).
7
0
MSB
LSB
7
0
MSB
LSB
7
0
MSB
LSB
7
0
MSB
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com