Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72361AR9-Auto Datasheet(PDF) 152 Page - STMicroelectronics

Part # ST72361AR9-Auto
Description  Clock, reset and supply management
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72361AR9-Auto Datasheet(HTML) 152 Page - STMicroelectronics

Back Button ST72361AR9-Auto Datasheet HTML 148Page - STMicroelectronics ST72361AR9-Auto Datasheet HTML 149Page - STMicroelectronics ST72361AR9-Auto Datasheet HTML 150Page - STMicroelectronics ST72361AR9-Auto Datasheet HTML 151Page - STMicroelectronics ST72361AR9-Auto Datasheet HTML 152Page - STMicroelectronics ST72361AR9-Auto Datasheet HTML 153Page - STMicroelectronics ST72361AR9-Auto Datasheet HTML 154Page - STMicroelectronics ST72361AR9-Auto Datasheet HTML 155Page - STMicroelectronics ST72361AR9-Auto Datasheet HTML 156Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 279 page
background image
Serial peripheral interface (SPI)
ST72361xx-Auto
152/279
Doc ID 12468 Rev 3
14.7
Interrupts
Note:
The SPI interrupt events are connected to the same interrupt vector (see Interrupts chapter).
They generate an interrupt if the corresponding Enable Control Bit is set and the interrupt
mask in the CC register is reset (RIM instruction).
14.8
Register description
14.8.1
Control register (SPICR)
Read/ write
Reset value: 0000 xxxx (0xh)
Bit 7 = SPIE Serial Peripheral Interrupt Enable
This bit is set and cleared by software.
0: Interrupt is inhibited
1: An SPI interrupt is generated whenever an End of Transfer event, Master Mode Fault
or Overrun error occurs (SPIF = 1, MODF = 1 or OVR = 1 in the SPICSR register)
Bit 6 = SPE Serial Peripheral Output Enable
This bit is set and cleared by software. It is also cleared by hardware when, in master mode,
SS =0 (see Master mode fault (MODF)). The SPE bit is cleared by reset, so the SPI
peripheral is not initially connected to the external pins.
0: I/O pins free for general purpose I/O
1: SPI I/O pin alternate functions enabled
Bit 5 = SPR2 Divider Enable
This bit is set and cleared by software and is cleared by reset. It is used with the SPR[1:0]
bits to set the baud rate. Refer to Table 58.
0: Divider by 2 enabled
1: Divider by 2 disabled
Note:
This bit has no effect in slave mode.
Table 57.
SPI interrupt control and wake-up capability
Interrupt event
Event
flag
Enable
control
bit
Exit
from
wait
Exit
from
halt
SPI End of Transfer Event
SPIF
SPIE
Yes
Yes
Master Mode Fault Event
MODF
No
Overrun Error
OVR
7
0
SPIE
SPE
SPR2
MSTR
CPOL
CPHA
SPR1
SPR0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com