Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72361AR9-Auto Datasheet(PDF) 177 Page - STMicroelectronics

Part # ST72361AR9-Auto
Description  Clock, reset and supply management
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72361AR9-Auto Datasheet(HTML) 177 Page - STMicroelectronics

Back Button ST72361AR9-Auto Datasheet HTML 173Page - STMicroelectronics ST72361AR9-Auto Datasheet HTML 174Page - STMicroelectronics ST72361AR9-Auto Datasheet HTML 175Page - STMicroelectronics ST72361AR9-Auto Datasheet HTML 176Page - STMicroelectronics ST72361AR9-Auto Datasheet HTML 177Page - STMicroelectronics ST72361AR9-Auto Datasheet HTML 178Page - STMicroelectronics ST72361AR9-Auto Datasheet HTML 179Page - STMicroelectronics ST72361AR9-Auto Datasheet HTML 180Page - STMicroelectronics ST72361AR9-Auto Datasheet HTML 181Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 279 page
background image
ST72361xx-Auto
LINSCI serial communication interface (LIN master/slave)
Doc ID 12468 Rev 3
177/279
15.9.4
LIN error detection
LIN header error flag
The LIN header error flag indicates that an invalid LIN header has been detected.
When a LIN header error occurs:
●
The LHE flag is set
●
An interrupt is generated if the RIE bit is set and the I[1:0] bits are cleared in the CCR
register.
If autosynchronization is enabled (LASE bit = 1), this can mean that the LIN synch field is
corrupted, and that the SCI is in a blocked state (LSF bit is set). The only way to recover is to
reset the LSF bit and then to clear the LHE bit.
●
The LHE bit is reset by an access to the SCISR register followed by a read of the
SCIDR register.
LHE/OVR error conditions
When auto resynchronization is disabled (LASE bit = 0), the LHE flag detects:
●
That the received LIN synch field is not equal to 55h.
●
That an overrun occurred (as in standard SCI mode)
●
Furthermore, if LHDM is set it also detects that a LIN header reception timeout
occurred (only if LHDM is set).
When the LIN auto-resynchronization is enabled (LASE bit = 1), the LHE flag detects:
●
That the deviation error on the synch field is outside the LIN specification which allows
up to +/-15.5% of period deviation between the slave and master oscillators.
●
A LIN header reception timeout occurred.
If THEADER > THEADER_MAX then the LHE flag is set. Refer to Figure 82. (only if LHDM
is set to 1)
●
An overflow during the synch field measurement, which leads to an overflow of the
divider registers. If LHE is set due to this error then the SCI goes into a blocked state
(LSF bit is set).
●
That an overrun occurred on fields other than the synch field (as in standard SCI mode)
Deviation error on the synch field
The deviation error is checking by comparing the current baud rate (relative to the slave
oscillator) with the received LIN synch field (relative to the master oscillator). Two checks are
performed in parallel:
●
The first check is based on a measurement between the first falling edge and the last
falling edge of the synch field. Let us refer to this period deviation as D:
Identifier Field
parity bits
ID0
start bit
stop bit
ID1 ID2 ID3 ID4 ID5 P0 P1
identifier bits
P1
ID1
ID3
ID4
ID5

=
P0
ID0
=
ID1
ID2
ID4

M= 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com