Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72361AR9-Auto Datasheet(PDF) 232 Page - STMicroelectronics

Part # ST72361AR9-Auto
Description  Clock, reset and supply management
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72361AR9-Auto Datasheet(HTML) 232 Page - STMicroelectronics

Back Button ST72361AR9-Auto Datasheet HTML 228Page - STMicroelectronics ST72361AR9-Auto Datasheet HTML 229Page - STMicroelectronics ST72361AR9-Auto Datasheet HTML 230Page - STMicroelectronics ST72361AR9-Auto Datasheet HTML 231Page - STMicroelectronics ST72361AR9-Auto Datasheet HTML 232Page - STMicroelectronics ST72361AR9-Auto Datasheet HTML 233Page - STMicroelectronics ST72361AR9-Auto Datasheet HTML 234Page - STMicroelectronics ST72361AR9-Auto Datasheet HTML 235Page - STMicroelectronics ST72361AR9-Auto Datasheet HTML 236Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 232 / 279 page
background image
Electrical characteristics
ST72361xx-Auto
232/279
Doc ID 12468 Rev 3
19.4.1
Supply and clock managers
The previous current consumption specified for the ST7 functional operating modes over
temperature range does not take into account the clock source current consumption. To
obtain the total device consumption, the two current values must be added (except for HALT
mode).
Table 91.
Supply current consumption
Symbol
Parameter
Conditions
Flash devices
ROM devices
Unit
Typ (1) Max(2) Typ(1) Max(2)
IDD
Supply current in RUN
mode(3)
fOSC = 2 MHz, fCPU =1 MHz
fOSC = 4 MHz, fCPU =2 MHz
fOSC = 8 MHz, fCPU =4 MHz
fOSC = 16 MHz, fCPU =8 MHz
1.8
3.2
6
10
3
5
8
15
1.1
2.2
4.4
8.9
2
3.5
6
12
mA
Supply current in SLOW
mode(3)
fOSC = 2 MHz, fCPU = 62.5kHz
fOSC = 4 MHz, fCPU = 125 kHz
fOSC = 8 MHz, fCPU = 250 kHz
fOSC = 16 MHz, fCPU = 500 kHz
0.5
0.6
0.85
1.25
2.7
3
3.6
4
0.1
0.2
0.4
0.8
0.2
0.4
0.8
1.5
Supply current in WAIT
mode(3)
fOSC = 2 MHz, fCPU =1 MHz
fOSC = 4 MHz, fCPU =2 MHz
fOSC = 8 MHz, fCPU =4 MHz
fOSC = 16 MHz, fCPU =8 MHz
1
1.8
3.4
6.4
3
4
5
7
0.7
1.4
2.9
5.7
3
4
5
7
Supply current in SLOW
WAIT mode(2)
fOSC = 2 MHz, fCPU = 62.5 kHz
fOSC = 4 MHz, fCPU = 125 kHz
fOSC = 8 MHz, fCPU = 250 kHz
fOSC = 16 MHz, fCPU = 500 kHz
0.4
0.5
0.6
0.8
1.2
1.3
1.8
2
0.07
0.14
0.28
0.56
0.12
0.2
0.5
1
Supply current in HALT
mode(4)
VDD =5.5V
-40°C
 T
A  +85°C
<1
10
<1
10
µA
-40°C
 T
A  +125°C
50
50
Supply current in ACTIVE
HALT mode(4)(5)
0.5
1.2
0.18
0.25
mA
Supply current in AWUFH
mode(4)(5)
VDD = 5.5V
-40°C
 T
A  +85°C
25
30
25
30
µA
-40°C
 T
A  +125°C
70
70
1.
Typical data are based on TA = 25°C, VDD =5V (4.5V VDD 5.5V range).
2.
Data based on characterization results, tested in production at VDD max., fCPU max. and TA max.
3.
Measurements are done in the following conditions:
- Program executed from Flash, CPU running with Flash (for flash devices).
- All I/O pins in input mode with a static value at VDD or VSS (no load)
- All peripherals in reset state.
- Clock input (OSC1) driven by external square wave.
- In SLOW and SLOW WAIT mode, fCPU is based on fOSC divided by 32.
To obtain the total current consumption of the device, add the clock source (Section 20.5.1: Crystal and ceramic resonator
oscillators) and the peripheral power consumption (Section 20.4.2: On-chip peripherals).
4.
All I/O pins in input mode with a static value at VDD or VSS (no load). Data based on characterization results, tested in
production at VDD max., fCPU max. and TA max.
5.
This consumption refers to the Halt period only and not the associated run period which is software dependent.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com