Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72361AR9-Auto Datasheet(PDF) 243 Page - STMicroelectronics

Part # ST72361AR9-Auto
Description  Clock, reset and supply management
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72361AR9-Auto Datasheet(HTML) 243 Page - STMicroelectronics

Back Button ST72361AR9-Auto Datasheet HTML 239Page - STMicroelectronics ST72361AR9-Auto Datasheet HTML 240Page - STMicroelectronics ST72361AR9-Auto Datasheet HTML 241Page - STMicroelectronics ST72361AR9-Auto Datasheet HTML 242Page - STMicroelectronics ST72361AR9-Auto Datasheet HTML 243Page - STMicroelectronics ST72361AR9-Auto Datasheet HTML 244Page - STMicroelectronics ST72361AR9-Auto Datasheet HTML 245Page - STMicroelectronics ST72361AR9-Auto Datasheet HTML 246Page - STMicroelectronics ST72361AR9-Auto Datasheet HTML 247Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 243 / 279 page
background image
ST72361xx-Auto
Electrical characteristics
Doc ID 12468 Rev 3
243/279
19.9.2
Output driving current
Subject to general operating conditions for VDD, fOSC, and TA unless otherwise specified.
Figure 106. Typical VOL at VDD = 5V (standard)
Figure 107. Typical VOL at VDD = 5V (high-sink)
Table 106.
Output driving current
Symbol
Parameter
Conditions
Min
Max
Unit
VOL
(1)
1.
The IIO current sunk must always respect the absolute maximum rating specified in Section 20.2.2:
Current characteristics and the sum of IIO (I/O ports and control pins) must not exceed IVSS.
Output low level voltage for a standard
I/O pin when eight pins are sunk at same
time
(see Figure 129)
IIO =+5 mA
1.2
V
IIO =+2 mA
0.5
Output low level voltage for a high sink
I/O pin when four pins are sunk at same
time
(see Figure 130 and Figure 133)
IIO =+20 mA,
TA  85 °C
TA  85 °C
1.3
1.5
IIO = +8 mA
0.6
VOH
(2)
2.
The IIO current sourced must always respect the absolute maximum rating specified in Section 20.2.2:
Current characteristics and the sum of IIO (I/O ports and control pins) must not exceed IVDD. True open
drain I/O pins does not have VOH.
Output high level voltage for an I/O pin
when four pins are sourced at same time
(see Figure 131 and Figure 134)
IIO =-5 mA,
TA  85 °C
TA  85 °C
VDD-1.4
VDD-1.6
IIO =-2 mA
VDD-0.7
25
Iio(mA)
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
-45°C
25°C
130°C
25
8
20
Iol (mA)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
-45°C
25°C
130°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com