Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72361AR9-Auto Datasheet(PDF) 267 Page - STMicroelectronics

Part # ST72361AR9-Auto
Description  Clock, reset and supply management
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72361AR9-Auto Datasheet(HTML) 267 Page - STMicroelectronics

Back Button ST72361AR9-Auto Datasheet HTML 263Page - STMicroelectronics ST72361AR9-Auto Datasheet HTML 264Page - STMicroelectronics ST72361AR9-Auto Datasheet HTML 265Page - STMicroelectronics ST72361AR9-Auto Datasheet HTML 266Page - STMicroelectronics ST72361AR9-Auto Datasheet HTML 267Page - STMicroelectronics ST72361AR9-Auto Datasheet HTML 268Page - STMicroelectronics ST72361AR9-Auto Datasheet HTML 269Page - STMicroelectronics ST72361AR9-Auto Datasheet HTML 270Page - STMicroelectronics ST72361AR9-Auto Datasheet HTML 271Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 267 / 279 page
background image
ST72361xx-Auto
Device configuration and ordering information
Doc ID 12468 Rev 3
267/279
ST72361-Auto MICROCONTROLLER OPTION LIST
(Last update: March 2008)
Customer . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Address
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Contact
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Phone No . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Reference/ROM Code* . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
* The ROM/FASTROM code name is assigned by STMicroelectronics.
ROM/FASTROM code must be sent in .S19 format. .Hex extension cannot be processed.
Device Type/Memory Size/Package (check only one option)
Conditioning:
[ ] Tray
[ ] Tape & Reel
Special Marking:
[ ] No
[ ] Yes "_ _ _ _ _ _ _ _ _ _ " (LQFP32 7 characters,
other packages 10 characters max.)
Authorized characters are letters, digits, '.', '-', '/' and spaces only.
Temperature Range:
[ ] A (-40°C to +85°C)
[ ] C (-40°C to +125°C)
Clock Source Selection:
[ ] Resonator
[ ] External Source
Oscillator/External source range:
[ ] LP: Low power (1 to 2 MHz)
[ ] MP: Medium power (2 to 4 MHz)
[ ] MS: Medium speed (4 to 8 MHz)
[ ] HS: High speed (8 to 16 MHz)
LVD
[ ] Disabled
[ ] Enabled
PLL1
[ ] Disabled
[ ] Enabled
Watchdog Selection
[ ] Software Activation
[ ] Hardware Activation
Watchdog Reset on Halt
[ ] Reset
[ ] No Reset
Read-out Protection
[ ] Disabled
[ ] Enabled
Reset Delay
[ ] 256 Cycles [ ] 4096 Cycles
LINSCI2 Mapping
[ ] Not available (AFIMAP[1] = 0) [ ] Mapped (AFIMAP[1] = 1)
T16_ICAP2 Mapping
[ ] On PD1 (AFIMAP[0] = 0)
[ ] On PC1 (AFIMAP[0] = 1)
Comments:
Supply Operating Range in the application: . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Notes
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Signature
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Date
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
1 If PLL is enabled, medium power (2 to 4 MHz range) has to be selected (MP)
Please download the latest version of this option list from: www.st.com
ROM:
|
|
----------------------
Package
-----------------------
|
|
-------------------------
60K
-------------------------
|
|
-------------------------
48K
-------------------------
|
|
------------------------
32K
------------------------
|
|
------------------------
16K
------------------------
|
|
|LQFP64 10x10:
|[ ] ST72361AR9
|[ ] ST72361AR7
|[ ] ST72361AR6
|[ ] ST72361AR4
|
|LQFP44:
|[ ] ST72361J9
|[ ] ST72361J7
|[ ] ST72361J6
|[ ] ST72361J4
|
|LQFP32:
|[ ] ST72361K9
|[ ] ST72361K7
|[ ] ST72361K6
|[ ] ST72361K4
|
FASTROM:
|
|
-----------------------
Package
-----------------------
|
|
-------------------------
60K
-------------------------
|
|
-------------------------
48K
-------------------------
|
|
------------------------
32K
------------------------
|
|
------------------------
16K
------------------------
|
|
|LQFP64 10x10:
|[ ] ST72P361AR9
|[ ] ST72P361AR7
|[ ] ST72P361AR6
|[ ] ST72P361AR4
|
|LQFP44:
|[ ] ST72P361J9
|[ ] ST72P361J7
|[ ] ST72P361J6
|[ ] ST72P361J4
|
|LQFP32:
|[ ] ST72P361K9
|[ ] ST72P361K7
|[ ] ST72P361K6
|[ ] ST72P361K4
|



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com