Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72561AR4-Auto Datasheet(PDF) 118 Page - STMicroelectronics

Part # ST72561AR4-Auto
Description  Clock, reset and supply management
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72561AR4-Auto Datasheet(HTML) 118 Page - STMicroelectronics

Back Button ST72561AR4-Auto Datasheet HTML 114Page - STMicroelectronics ST72561AR4-Auto Datasheet HTML 115Page - STMicroelectronics ST72561AR4-Auto Datasheet HTML 116Page - STMicroelectronics ST72561AR4-Auto Datasheet HTML 117Page - STMicroelectronics ST72561AR4-Auto Datasheet HTML 118Page - STMicroelectronics ST72561AR4-Auto Datasheet HTML 119Page - STMicroelectronics ST72561AR4-Auto Datasheet HTML 120Page - STMicroelectronics ST72561AR4-Auto Datasheet HTML 121Page - STMicroelectronics ST72561AR4-Auto Datasheet HTML 122Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 324 page
background image
16-bit timer
ST72561-Auto
118/324
Doc ID 12370 Rev 8
Note:
The 16-bit Timer interrupt events are connected to the same interrupt vector (see Interrupts
chapter). These events generate an interrupt if the corresponding Enable Control Bit is set
and the interrupt mask in the CC register is reset (RIM instruction).
12.6
Summary of timer modes
12.7
Register description
Each Timer is associated with three control and status registers, and with six pairs of data
registers (16-bit values) relating to the two input captures, the two output compares, the
counter and the alternate counter.
12.7.1
Control register 1 (CR1)
Read/ write
Reset value: 0000 0000 (00h)
Bit 7 = ICIE Input Capture Interrupt Enable.
0: Interrupt is inhibited.
1: A timer interrupt is generated whenever the ICF1 or ICF2 bit of the SR register is set.
Bit 6 = OCIE Output Compare Interrupt Enable.
0: Interrupt is inhibited.
1: A timer interrupt is generated whenever the OCF1 or OCF2 bit of the SR register is
set.
Table 49.
Timer modes
Modes
Timer resources
Input capture 1
Input capture 2
Output compare 1 Output compare 2
Input capture
(1 and/or 2)
Yes
Yes
Yes
Yes
Output compare
(1 and/or 2)
One pulse mode
No
Not
recommended(1)
1.
See note 4 in One pulse mode
No
Partially (2)
2.
See note 5 in One pulse mode
PWM Mode
Not
recommended(3)
3.
See note 4 in Pulse width modulation mode
No
7
0
ICIE
OCIE
TOIE
FOLV2
FOLV1
OLVL2
IEDG1
OLVL1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com