Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72561AR4-Auto Datasheet(PDF) 122 Page - STMicroelectronics

Part # ST72561AR4-Auto
Description  Clock, reset and supply management
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72561AR4-Auto Datasheet(HTML) 122 Page - STMicroelectronics

Back Button ST72561AR4-Auto Datasheet HTML 118Page - STMicroelectronics ST72561AR4-Auto Datasheet HTML 119Page - STMicroelectronics ST72561AR4-Auto Datasheet HTML 120Page - STMicroelectronics ST72561AR4-Auto Datasheet HTML 121Page - STMicroelectronics ST72561AR4-Auto Datasheet HTML 122Page - STMicroelectronics ST72561AR4-Auto Datasheet HTML 123Page - STMicroelectronics ST72561AR4-Auto Datasheet HTML 124Page - STMicroelectronics ST72561AR4-Auto Datasheet HTML 125Page - STMicroelectronics ST72561AR4-Auto Datasheet HTML 126Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 324 page
background image
16-bit timer
ST72561-Auto
122/324
Doc ID 12370 Rev 8
12.7.5
Input capture 1 low register (IC1LR)
Read only
Reset value: Undefined
This is an 8-bit read only register that contains the low part of the counter value (transferred
by the input capture 1 event).
12.7.6
Output compare 1 high register (OC1HR)
Read/ write
Reset value: 1000 0000 (80h)
This is an 8-bit register that contains the high part of the value to be compared to the CHR
register.
12.7.7
Output compare 1 low register (OC1LR)
Read/ write
Reset value: 0000 0000 (00h)
This is an 8-bit register that contains the low part of the value to be compared to the CLR
register.
12.7.8
Output compare 2 high register (OC2HR)
Read/ write
Reset value: 1000 0000 (80h)
This is an 8-bit register that contains the high part of the value to be compared to the CHR
register.
7
0
MSB
LSB
7
0
MSB
LSB
7
0
MSB
LSB
7
0
MSB
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com