Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F102xx Datasheet(PDF) 18 Page - STMicroelectronics

Part # STM32F102xx
Description  This errata sheet applies to the revisions
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F102xx Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STM32F102xx Datasheet HTML 14Page - STMicroelectronics STM32F102xx Datasheet HTML 15Page - STMicroelectronics STM32F102xx Datasheet HTML 16Page - STMicroelectronics STM32F102xx Datasheet HTML 17Page - STMicroelectronics STM32F102xx Datasheet HTML 18Page - STMicroelectronics STM32F102xx Datasheet HTML 19Page - STMicroelectronics STM32F102xx Datasheet HTML 20Page - STMicroelectronics STM32F102xx Datasheet HTML 21Page - STMicroelectronics STM32F102xx Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 41 page
background image
STM32F10xx8 and STM32F10xxB silicon limitations
STM32F10xx8 STM32F10xxB
18/41
DocID14574 Rev 13
Workaround
I2C2 SMBA can be used as an output if SPI2 is configured in master mode with NSS in
software mode.
I2C2 SMBA can be used in input mode if SPI2 is configured in master or slave mode with
NSS managed by software.
SPI2 cannot be used in any other configuration when I2C2 is being used.
USART3 must not be used in synchronous mode when I2C2 is being used.
2.8.7
I2C1 with SPI1 remapped and used in master mode
Conditions
•
I2C1 and SPI1 are clocked.
•
SPI1 is remapped.
•
I/O port pin PB5 is configured as an alternate function output.
Description
Conflict between the SPI1 MOSI signal and the I2C1 SMBA signal (even if SMBA is not
used).
Workaround
Do not use SPI1 remapped in master mode and I2C1 together.
When using SPI1 remapped, the I2C1 clock must be disabled.
2.8.8
I2C1 and TIM3_CH2 remapped
Conditions
•
I2C1 and TIM3 are clocked.
•
I/O port pin PB5 is configured as an alternate function output.
Description
Conflict between the TIM3_CH2 signal and the I2C1 SMBA signal, (even if SMBA is not
used).
In these cases the I/O port pin PB5 is set to 1 by default if the I/O alternate function output is
selected and I2C1 is clocked. TIM3_CH2 cannot be used in output mode.
Workaround
To avoid this conflict, TIM3_CH2 can only be used in input mode.
2.8.9
USARTx_TX pin usage
Description
In USART receive-mode-only communication (TE = 0 in the USARTx_CR1 register), even
when the USARTx_TX pin is not being used, the corresponding I/O port pin cannot be used
to output another alternate function (in this mode the USARTx_TX output is set to 1 and
thus no other alternate function output can be used).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com