Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F410C8 Datasheet(PDF) 69 Page - STMicroelectronics

Part # STM32F410C8
Description  Clock, reset and supply management
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F410C8 Datasheet(HTML) 69 Page - STMicroelectronics

Back Button STM32F410C8 Datasheet HTML 65Page - STMicroelectronics STM32F410C8 Datasheet HTML 66Page - STMicroelectronics STM32F410C8 Datasheet HTML 67Page - STMicroelectronics STM32F410C8 Datasheet HTML 68Page - STMicroelectronics STM32F410C8 Datasheet HTML 69Page - STMicroelectronics STM32F410C8 Datasheet HTML 70Page - STMicroelectronics STM32F410C8 Datasheet HTML 71Page - STMicroelectronics STM32F410C8 Datasheet HTML 72Page - STMicroelectronics STM32F410C8 Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 142 page
background image
DocID028094 Rev 5
69/142
STM32F410x8/B
Electrical characteristics
118
IDD
(continued)
Supply
current in
Sleep
mode
(continued)
All peripherals
disabled,
External clock,
PLL ON, Flash
memory in
Deep power
down mode
100
S1
200
1.9
2,0
2,4
2,7
3.5
mA
84
S2
168
1.6
1,7
2,0
2,4
3.2
64
S3
128
1.1
1,2
1,5
1,9
2.7
50
S3
100
0.9
1,0
1,3
1,7
2.5
25
S3
100
0.7
0,8
1,1
1,4
2.2
20
S3
160
0.8
0,8
1,2
1,5
2.3
All peripherals
disabled, HSI,
PLL OFF, Flash
memory in
Deep power
down mode
16
S3
off
0.3
0,4
0,7
1,0
1.8
1
S3
off
0.2
0,3
0,6
1,0
1.8
All peripherals
disabled,
External clock,
PLL ON, Flash
memory ON
100
S1
200
2.3
2,4
2,9
3,3
4.0
84
S2
168
2.0
2,1
2,4
2,8
3.6
64
S3
128
1.5
1,6
1,9
2,3
3.1
50
S3
100
1.3
1,4
1,7
2,0
2.8
25
S3
100
1.0
1,1
1,4
1,7
2.5
20
S3
160
1.0
1,2
1,5
1,8
2.6
All peripherals
disabled, HSI,
PLL OFF, Flash
memory in
Deep power
down mode
16
S3
off
0.6
0,6
1,0
1,4
2.1
1
S3
off
0.5
0,6
0,9
1,3
2.0
1. Refer to Table 44 and RM0401 for the possible PLL VCO setting
2. Guaranteed by characterization, unless otherwise specified.
3. When the ADC is ON (ADON bit set in ADC_CR2), an additional power consumption of 1.6 mA must be added.
4. Add an additional power consumption of 1.6 mA per ADC for the analog part. In applications, this consumption occurs only
while the ADC is ON (ADON bit is set in the ADC_CR2 register)
Table 29. Typical and maximum current consumption in Sleep mode - VDD = 1.7 V (continued)
Symbol
Parameter
Conditions
fHCLK
(MHz)
Voltage
scale
PLL
VCO
(MHz)(1)
Typ
Max(2)
Unit
TA=
25 °C
TA =
25 °C
TA =
85 °C
TA =
105 °C
TA =
125 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com