Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F410C8 Datasheet(PDF) 70 Page - STMicroelectronics

Part # STM32F410C8
Description  Clock, reset and supply management
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F410C8 Datasheet(HTML) 70 Page - STMicroelectronics

Back Button STM32F410C8 Datasheet HTML 66Page - STMicroelectronics STM32F410C8 Datasheet HTML 67Page - STMicroelectronics STM32F410C8 Datasheet HTML 68Page - STMicroelectronics STM32F410C8 Datasheet HTML 69Page - STMicroelectronics STM32F410C8 Datasheet HTML 70Page - STMicroelectronics STM32F410C8 Datasheet HTML 71Page - STMicroelectronics STM32F410C8 Datasheet HTML 72Page - STMicroelectronics STM32F410C8 Datasheet HTML 73Page - STMicroelectronics STM32F410C8 Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 142 page
background image
Electrical characteristics
STM32F410x8/B
70/142
DocID028094 Rev 5
Table 30. Typical and maximum current consumptions in Stop mode - VDD = 1.7 V
Symbol
Conditions
Typ
Max
Unit
TA =
25 °C
TA =
25 °C(1)
TA =
85 °C
TA =
105 °C(1)
TA =
125 °C(1)
IDD_STOP
Flash in Stop mode,
all oscillators OFF,
no independent
watchdog
Main regulator usage
105.6
117.1
385.1
665.7
1270.0
µA
Low power regulator usage
39.5
48.7
287.5
548.4
1070.0
Flash in Deep power
down mode, all
oscillators OFF, no
independent
watchdog
Main regulator usage
77.8
87.5
351.3
630.1
1222.0
Low power regulator usage
11.0
20.0
254.2
512.0
1006.0
Low power low voltage
regulator usage
6.1
13.6
217.0
442.5
941.0
1. Guaranteed by characterization.
Table 31. Typical and maximum current consumption in Stop mode - VDD=3.6 V
Symbol
Conditions
Typ
Max
Unit
TA =
25 °C
TA =
25 °C(1)
TA =
85 °C
TA =
105 °C(1)
TA =
125 °C(1)
IDD_STOP
Flash in Stop mode,
all oscillators OFF,
no independent
watchdog
Main regulator usage
108.6
126(2)
392.8 675.4(3) 1280.0(2)
µA
Low power regulator usage
41.03
50.31(2) 290.9 554.2(3) 1077.0(2)
Flash in Deep power
down mode, all
oscillators OFF, no
independent
watchdog
Main regulator usage
80.32
94.0(2) 357.0 639.5(3) 1232.0(2)
Low power regulator usage
12.41
21.5(2) 258.1 518.1(3) 1010.0(2)
Low power low voltage
regulator usage
7.53
15.2(2) 221.6 449.2(3)
947.0(2)
1. Guaranteed by characterization.
2. Guaranteed by tests in production.
3. Guaranteed by test in production on temperature range 7 salestypes only.
Table 32. Typical and maximum current consumption in Standby mode - VDD= 1.7 V
Symbol
Parameter
Conditions
Typ
Max
Unit
TA =
25 °C
TA =
25 °C(1)
TA =
85 °C
TA =
105 °C(1)
TA =
125 °C(1)
IDD_STBY
Supply current
in Standby
mode
Low-speed oscillator (LSE)
and RTC ON
2.1
2.9
6.5
18.2
60.0
µA
RTC and LSE OFF
1.2
1.9
5.5
17.1
59.0
1. Guaranteed by characterization, unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com