Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F410C8 Datasheet(PDF) 141 Page - STMicroelectronics

Part # STM32F410C8
Description  Clock, reset and supply management
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F410C8 Datasheet(HTML) 141 Page - STMicroelectronics

Back Button STM32F410C8 Datasheet HTML 134Page - STMicroelectronics STM32F410C8 Datasheet HTML 135Page - STMicroelectronics STM32F410C8 Datasheet HTML 136Page - STMicroelectronics STM32F410C8 Datasheet HTML 137Page - STMicroelectronics STM32F410C8 Datasheet HTML 138Page - STMicroelectronics STM32F410C8 Datasheet HTML 139Page - STMicroelectronics STM32F410C8 Datasheet HTML 140Page - STMicroelectronics STM32F410C8 Datasheet HTML 141Page - STMicroelectronics STM32F410C8 Datasheet HTML 142Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 141 / 142 page
background image
DocID028094 Rev 5
141/142
STM32F410x8/B
Revision history
141
06-Mar-2017
4
Updated:
– Features
– Section 3.20: Timers and watchdogs
– Table 9: STM32F410x8/B pin definitions
– Table 21: Typical and maximum current consumption, code with data processing
(ART accelerator disabled) running from SRAM - VDD = 1.7 V
– Table 22: Typical and maximum current consumption, code with data processing
(ART accelerator disabled) running from SRAM - VDD = 3.6 V
– Table 24: Typical and maximum current consumption in run mode, code with
data processing (ART accelerator enabled except prefetch) running from Flash
memory - VDD = 3.6 V
– Table 28: Typical and maximum current consumption in Sleep mode - VDD =
3.6 V
– Table 31: Typical and maximum current consumption in Stop mode - VDD=3.6 V
– Table 34: Typical and maximum current consumptions in VBAT mode (LSE and
RTC ON, LSE low- drive mode)
04-Apr-2017
5
The maximum current consumption at 30 °C has been redefined to be in line with
the actual silicon performance. For a typical customer application the impact on the
average current consumption will be insignificant.
Updated:
– Table 21: Typical and maximum current consumption, code with data processing
(ART accelerator disabled) running from SRAM - VDD = 1.7 V
– Table 22: Typical and maximum current consumption, code with data processing
(ART accelerator disabled) running from SRAM - VDD = 3.6 V
– Table 23: Typical and maximum current consumption in run mode, code with
data processing (ART accelerator enabled except prefetch) running from Flash
memory- VDD = 1.7 V
– Table 24: Typical and maximum current consumption in run mode, code with
data processing (ART accelerator enabled except prefetch) running from Flash
memory - VDD = 3.6 V
– Table 25: Typical and maximum current consumption in run mode, code with
data processing (ART accelerator disabled) running from Flash memory - VDD
= 3.6 V
– Table 26: Typical and maximum current consumption in run mode, code with
data processing (ART accelerator disabled) running from Flash memory - VDD
= 1.7 V
– Table 27: Typical and maximum current consumption in run mode, code with
data processing (ART accelerator enabled with prefetch) running from Flash
memory - VDD = 3.6 V
– Table 37: Low-power mode wakeup timings
– Figure 30: I2C bus AC waveforms and measurement circuit
– Figure 31: FMPI2C timing diagram and measurement circuit
Table 89. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com