Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F410RB Datasheet(PDF) 78 Page - STMicroelectronics

Part # STM32F410RB
Description  Clock, reset and supply management
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F410RB Datasheet(HTML) 78 Page - STMicroelectronics

Back Button STM32F410RB Datasheet HTML 74Page - STMicroelectronics STM32F410RB Datasheet HTML 75Page - STMicroelectronics STM32F410RB Datasheet HTML 76Page - STMicroelectronics STM32F410RB Datasheet HTML 77Page - STMicroelectronics STM32F410RB Datasheet HTML 78Page - STMicroelectronics STM32F410RB Datasheet HTML 79Page - STMicroelectronics STM32F410RB Datasheet HTML 80Page - STMicroelectronics STM32F410RB Datasheet HTML 81Page - STMicroelectronics STM32F410RB Datasheet HTML 82Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 142 page
background image
Electrical characteristics
STM32F410x8/B
78/142
DocID028094 Rev 5
6.3.8
External clock source characteristics
High-speed external user clock generated from an external source
In bypass mode the HSE oscillator is switched off and the input pin is a standard I/O. The
external clock signal has to respect the Table 55. However, the recommended clock input
waveform is shown in Figure 19.
The characteristics given in Table 38 result from tests performed using an high-speed
external clock source, and under ambient temperature and supply voltage conditions
summarized in Table 15.
Table 37. Low-power mode wakeup timings(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tWUSLEEP(2)
Wakeup from Sleep mode
--
4
6
CPU
clock
cycles
tWUSLEEPFDSM(2)
Flash memory in Deep power
down mode
-
-
40,0
µs
tWUSTOP(2)
Wakeup from Stop mode,
code execution from Flash
memory
Main regulator
-
12.9
15.0
Main regulator, Flash memory
in Deep power down mode
-
104.9
115.0
Regulator in low-power mode(3)
-
20.8
25.0
Regulator in low-power mode,
Flash memory in Deep power
down mode
-
112.9
120.0
Wakeup from Stop mode,
code execution from RAM
Main regulator, Flash memory
in Stop or Deep power down
mode
-4.9
7.0
Regulator in low-power mode,
Flash memory in Stop or Deep
power down mode(3)
-
12.8
20.0
tWUSTDBY(2)(4)
Wakeup from Standby
mode
-
-
316.8
350.0
tWUFLASH
Wakeup of Flash memory
From Flash_Stop mode
-
-
10.0
Wakeup of Flash memory
From Flash Deep power down
mode
-
-
40.0
1. Guaranteed by characterization.
2. The wakeup times are measured from the wakeup event to the point in which the application code reads the first instruction.
3. The specification is valid for wakeup from regulator in low power mode or in low power low voltage mode, since the timing
difference is negligible.
4. tWUSTDBY maximum value is given at - 40 °C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com