Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZLP32300P2016G Datasheet(PDF) 89 Page - Zilog, Inc.

Part # ZLP32300P2016G
Description  Low power consumption??1 mW
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZLP32300P2016G Datasheet(HTML) 89 Page - Zilog, Inc.

Back Button ZLP32300P2016G Datasheet HTML 85Page - Zilog, Inc. ZLP32300P2016G Datasheet HTML 86Page - Zilog, Inc. ZLP32300P2016G Datasheet HTML 87Page - Zilog, Inc. ZLP32300P2016G Datasheet HTML 88Page - Zilog, Inc. ZLP32300P2016G Datasheet HTML 89Page - Zilog, Inc. ZLP32300P2016G Datasheet HTML 90Page - Zilog, Inc. ZLP32300P2016G Datasheet HTML 91Page - Zilog, Inc. ZLP32300P2016G Datasheet HTML 92Page - Zilog, Inc. ZLP32300P2016G Datasheet HTML 93Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 99 page
background image
Crimzon® ZLP32300
Product Specification
PS020823-0208
Packaging
85
Figure 63. 28-Pin SSOP Package Diagram
Figure 64. 40-Pin PDIP Package Diagram
SYMBOL
A
A1
B
C
A2
e
MILLIMETER
INCH
MIN
MAX
MIN
MAX
1.73
0.05
1.68
0.25
5.20
0.65 TYP
0.09
10.07
7.65
0.63
1.86
0.0256 TYP
0.13
10.20
1.73
7.80
5.30
1.99
0.21
1.78
0.75
0.068
0.002
0.066
0.010
0.205
0.004
0.397
0.301
0.025
0.073
0.005
0.068
0.209
0.006
0.402
0.307
0.030
0.078
0.008
0.070
0.015
0.212
0.008
0.407
0.311
0.037
0.38
0.20
10.33
5.38
7.90
0.95
NOM
NOM
D
E
H
L
CONTROLLING DIMENSIONS: MM
LEADS ARE COPLANAR WITHIN .004 INCHES.
H
C
DETAIL A
E
D
28
15
114
SEATING PLANE
A2
e
A
B
L
0 - 8
DETAIL 'A'



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com