Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZLP32300P2016G Datasheet(PDF) 24 Page - Zilog, Inc.

Part # ZLP32300P2016G
Description  Low power consumption??1 mW
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZLP32300P2016G Datasheet(HTML) 24 Page - Zilog, Inc.

Back Button ZLP32300P2016G Datasheet HTML 20Page - Zilog, Inc. ZLP32300P2016G Datasheet HTML 21Page - Zilog, Inc. ZLP32300P2016G Datasheet HTML 22Page - Zilog, Inc. ZLP32300P2016G Datasheet HTML 23Page - Zilog, Inc. ZLP32300P2016G Datasheet HTML 24Page - Zilog, Inc. ZLP32300P2016G Datasheet HTML 25Page - Zilog, Inc. ZLP32300P2016G Datasheet HTML 26Page - Zilog, Inc. ZLP32300P2016G Datasheet HTML 27Page - Zilog, Inc. ZLP32300P2016G Datasheet HTML 28Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 99 page
background image
Crimzon® ZLP32300
Product Specification
PS020823-0208
Functional Description
20
Figure 12. Program Memory Map (32 K OTP)
Expanded Register File
The register file has been expanded to allow for additional system control registers and for
mapping of additional peripheral devices into the register address area. The Z8 register
address space (R0 through R15) has been implemented as 16 banks, with 16 registers per
bank. These register groups are known as the ERF (Expanded Register File). Bits 7–4 of
On-Chip
ROM
Reset Start Address
IRQ5
IRQ5
IRQ4
IRQ4
IRQ3
IRQ3
IRQ2
IRQ2
IRQ1
IRQ1
IRQ0
IRQ0
12
11
10
9
8
7
6
5
4
3
2
1
0
32768
Location of
first Byte of
instruction
executed
after RESET
Interrupt Vector
(Lower Byte)
Interrupt Vector
(Upper Byte)
Not Accessible



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com