Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZLP32300P2004G Datasheet(PDF) 13 Page - Zilog, Inc.

Part # ZLP32300P2004G
Description  Low power consumption??1 mW
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZLP32300P2004G Datasheet(HTML) 13 Page - Zilog, Inc.

Back Button ZLP32300P2004G Datasheet HTML 9Page - Zilog, Inc. ZLP32300P2004G Datasheet HTML 10Page - Zilog, Inc. ZLP32300P2004G Datasheet HTML 11Page - Zilog, Inc. ZLP32300P2004G Datasheet HTML 12Page - Zilog, Inc. ZLP32300P2004G Datasheet HTML 13Page - Zilog, Inc. ZLP32300P2004G Datasheet HTML 14Page - Zilog, Inc. ZLP32300P2004G Datasheet HTML 15Page - Zilog, Inc. ZLP32300P2004G Datasheet HTML 16Page - Zilog, Inc. ZLP32300P2004G Datasheet HTML 17Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 99 page
background image
Crimzon® ZLP32300
Product Specification
PS020823-0208
Pin Description
9
32
39
P12
33
40
P13
89
P14
910
P15
12
15
P16
13
16
P17
35
42
P20
36
43
P21
37
44
P22
38
45
P23
39
46
P24
22
P25
33
P26
44
P27
16
19
P31
17
20
P32
18
21
P33
19
22
P34
22
26
P35
24
28
P36
23
27
P37
20
23
NC
40
47
NC
11
NC
21
25
RESET
15
18
XTAL1
14
17
XTAL2
11
12, 13
VDD
31
24, 37, 38
VSS
25
29
Pref1/P30
48
NC
6NC
Table 5. 40- and 48-Pin Configuration (Continued)
40-Pin PDIP No
48-Pin SSOP No
Symbol



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com