Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZLP32300P2004G Datasheet(PDF) 5 Page - Zilog, Inc.

Part # ZLP32300P2004G
Description  Low power consumption??1 mW
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZLP32300P2004G Datasheet(HTML) 5 Page - Zilog, Inc.

  ZLP32300P2004G Datasheet HTML 1Page - Zilog, Inc. ZLP32300P2004G Datasheet HTML 2Page - Zilog, Inc. ZLP32300P2004G Datasheet HTML 3Page - Zilog, Inc. ZLP32300P2004G Datasheet HTML 4Page - Zilog, Inc. ZLP32300P2004G Datasheet HTML 5Page - Zilog, Inc. ZLP32300P2004G Datasheet HTML 6Page - Zilog, Inc. ZLP32300P2004G Datasheet HTML 7Page - Zilog, Inc. ZLP32300P2004G Datasheet HTML 8Page - Zilog, Inc. ZLP32300P2004G Datasheet HTML 9Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 99 page
background image
Crimzon® ZLP32300
Product Specification
PS020823-0208
Architectural Overview
1
Architectural Overview
Zilog’s Crimzon® ZLP32300 is an OTP-based member of the MCU family of infrared
microcontrollers. With 237 B of general-purpose RAM and 8 KB to 32 KB of OTP,
Zilog’s CMOS microcontrollers offer fast-executing, efficient use of memory,
sophisticated interrupts, input/output bit manipulation capabilities, automated pulse
generation/reception, and internal key-scan pull-up transistors.
The Crimzon ZLP32300 architecture (see Figure 1 on page 3) is based on Zilog’s 8-bit
microcontroller core with an Expanded Register File allowing access to register-mapped
peripherals, input/output (I/O) circuits, and powerful counter/timer circuitry. The Z8®
CPU offers a flexible I/O scheme, an efficient register and address space structure, and a
number of ancillary features that are useful in many consumer, automotive, computer
peripheral, and battery-operated hand-held applications.
There are three basic address spaces available to support a wide range of configurations:
1. Program Memory
2. Register File
3. Expanded Register File
The register file is composed of 256 Bytes of RAM. It includes four I/O port registers, 16
control and status registers, and 236 general-purpose registers. The Expanded Register
File consists of two additional register groups (F and D).
To unburden the program from coping with such real-time problems as generating
complex waveforms or receiving and demodulating complex waveform/pulses, the
Crimzon ZLP32300 offers a new intelligent counter/timer architecture with 8-bit and
16-bit counter/timers (see Figure 2 on page 4). Also included are a large number of user-
selectable modes and two on-board comparators to process analog signals with separate
reference voltages.
All signals with an overline, “ ”, are active Low. For example, B/W, in which WORD is
active Low, and B/W, in which BYTE is active Low.
Power connections use the conventional descriptions listed in Table 1.
Table 1. Power Connections
Connection
Circuit
Device
Power
VCC
VDD
Ground
GND
VSS
Note:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com