| Electronic Components Datasheet Search |
|
AS4C8M32S Datasheet(PDF) 13 Page - Alliance Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
AS4C8M32S Datasheet(HTML) 13 Page - Alliance Semiconductor Corporation |
|
13 / 55 page ![]() AS4C8M32S Alliance Memory Confidential 12 Rev. 2.0 May /2014 Don’t Care CLK T0 T1 ADDRESS T2 T3 T4 T5 COMMAND tRP DQM DQ tWR WRITE Precharge NOP NOP Activate NOP BANK COL n BANK(S) ROW DIN N DIN N+1 NOP NOP T6 T7 Note: The DQMs can remain low in this example if the length of the write burst is 1 or 2. Figure 13. Write to Precharge 7 Write and AutoPrecharge command (RAS# = "H", CAS# = "L", WE# = "L", BAs = Bank, A10 = "H", A0-A8 = Column Address) The Write and AutoPrecharge command performs the precharge operation automatically after the write operation. Once this command is given, any subsequent command can not occur within a time delay of {(burst length -1) + tWR + tRP (min.)}. At full-page burst, only the write operation is performed in this command and the auto precharge function is ignored. CLK T0 T1 COMMAND T2 T3 T4 T5 T6 T7 DQ tDAL tDAL=tWR+tRP Begin AutoPrecharge Bank can be reactivated at completion of tDAL Bank A Activate NOP NOP Auto Precharge Write A DIN A0 DIN A1 NOP NOP NOP NOP T8 NOP T9 Bank A Activate Figure 14. Burst Write with Auto-Precharge (Burst Length = 2) 8 Mode Register Set command (RAS# = "L", CAS# = "L", WE# = "L", A0-A11 = Register Data) The mode register stores the data for controlling the various operating modes of SDRAM. The Mode Register Set command programs the values of CAS latency, Addressing Mode and Burst Length in the Mode register to make SDRAM useful for a variety of different applications. The default values of the Mode Register after power-up are undefined; therefore this command must be issued at the power-up sequence. The state of pins A0~A9 and A11 in the same cycle is the data written to the mode register. Two clock cycles are required to complete the write in the mode register (refer to the following figure). The contents of the mode register can be changed using the same command and the clock cycle requirements during operation as long as all banks are in the idle state. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |