Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS4C64M8D1 Datasheet(PDF) 8 Page - Alliance Semiconductor Corporation

Part # AS4C64M8D1
Description  Fully synchronous operation
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C64M8D1 Datasheet(HTML) 8 Page - Alliance Semiconductor Corporation

Back Button AS4C64M8D1 Datasheet HTML 4Page - Alliance Semiconductor Corporation AS4C64M8D1 Datasheet HTML 5Page - Alliance Semiconductor Corporation AS4C64M8D1 Datasheet HTML 6Page - Alliance Semiconductor Corporation AS4C64M8D1 Datasheet HTML 7Page - Alliance Semiconductor Corporation AS4C64M8D1 Datasheet HTML 8Page - Alliance Semiconductor Corporation AS4C64M8D1 Datasheet HTML 9Page - Alliance Semiconductor Corporation AS4C64M8D1 Datasheet HTML 10Page - Alliance Semiconductor Corporation AS4C64M8D1 Datasheet HTML 11Page - Alliance Semiconductor Corporation AS4C64M8D1 Datasheet HTML 12Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 64 page
background image
AS4C64M8D1
Confidential
7
Rev.
2.0
Oct. /2014
Mode Register Set (MRS)
The Mode Register stores the data for controlling various operating modes of a DDR SDRAM. It programs CAS
Latency, Burst Type, and Burst Length to make the DDR SDRAM useful for a variety of applications. The default
value of the Mode Register is not defined; therefore the Mode Register must be written by the user. Values
stored in the register will be retained until the register is reprogrammed. The Mode Register is written by
asserting Low on CS , RAS , CAS , WE , BA1 and BA0 (the device should have all banks idle with no bursts in
progress prior to writing into the mode register, and CKE should be High). The state of address pins A0~A12
and BA0, BA1 in the same cycle in which CS , RAS , CAS and WE are asserted Low is written into the Mode
Register. A minimum of two clock cycles, tMRD, are required to complete the write operation in the Mode
Register. The Mode Register is divided into various fields depending on functionality. The Burst Length uses
A0~A2, Burst Type uses A3, and CAS Latency (read latency from column address) uses A4~A6. A logic 0
should be programmed to all the undefined addresses to ensure future compatibility. Reserved states should not
be used to avoid unknown device operation or incompatibility with future versions. Refer to the table for specific
codes for various burst lengths, burst types and CAS latencies.
Table 4. Mode Register Bitmap
BA1 BA0 A12 A11 A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
Address Field
0
0
RFU must be set to “0”
T.M.
CAS Latency
BT
Burst Length
Mode Register
A8 A7
Test Mode
A6 A5 A4 CAS Latency
A3 Burst Type
A2 A1 A0 Burst Length
0
0 Normal mode
0
0
0
Reserved
0 Sequential
0
0
0
Reserved
1
0
DLL Reset
0
0
1
Reserved
1
Interleave
0
0
1
2
0
1
0
2
0
1
0
4
0
1
1
3
0
1
1
8
BA0 Mode
1
0
0
Reserved
1
0
0
Reserved
0
MRS
1
0
1
Reserved
1
0
1
Reserved
1
EMRS
1
1
0
2.5
1
1
0
Reserved
1
1
1
Reserved
1
1
1
Reserved
 Burst Length Field (A2~A0)
This field specifies the data length of column access using the A2~A0 pins and selects the Burst Length to be 2, 4,
8.
Table 5. Burst Length
A2
A1
A0
Burst Length
0
0
0
Reserved
0
0
1
2
0
1
0
4
0
1
1
8
1
0
0
Reserved
1
0
1
Reserved
1
1
0
Reserved
1
1
1
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com