Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFK107M2AP44VT-F Datasheet(PDF) 4 Page - Cornell Dubilier Electronics

Part # AFK107M2AP44VT-F
Description  Low Impedance and Long-Life for Filtering, Bypassing and Power Supply Decoupling
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

AFK107M2AP44VT-F Datasheet(HTML) 4 Page - Cornell Dubilier Electronics

  AFK107M2AP44VT-F Datasheet HTML 1Page - Cornell Dubilier Electronics AFK107M2AP44VT-F Datasheet HTML 2Page - Cornell Dubilier Electronics AFK107M2AP44VT-F Datasheet HTML 3Page - Cornell Dubilier Electronics AFK107M2AP44VT-F Datasheet HTML 4Page - Cornell Dubilier Electronics AFK107M2AP44VT-F Datasheet HTML 5Page - Cornell Dubilier Electronics AFK107M2AP44VT-F Datasheet HTML 6Page - Cornell Dubilier Electronics AFK107M2AP44VT-F Datasheet HTML 7Page - Cornell Dubilier Electronics AFK107M2AP44VT-F Datasheet HTML 8Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Cornell Dubilier
• 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8564 • Fax: (508)996-3830 • www.cde.com
Cornell Dubilier
• 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8564 • Fax: (508)996-3830 • www.cde.com
Type AFK_V, –55 °C to 105 °C, High Vibration
Type AFK_V, –55 °C to 105 °C, High Vibration
SMT Aluminum Electrolytic Capacitors - Lowest E.S.R., 105 °C
Capacitance
(µF)
Catalog
Part Number
Max.
DCL
2 min.
(µA)
Max.
Dissipation
Factor
@120 Hz/20°C
Max. ESR
@100 kHz/20°C
(Ω)
Impedance
@100 kHz/20°C
(Ω)
Max.
Ripple Current
@100 kHz/105°C
(mA)
Case
Code
Size
D x L
(mm)
Quantity
per Reel
25 Vdc (31 Vdc Surge)
100
AFK107M25E16VT-F
25
0.14
0.26
0.26
300
E
8 x 6.5
1000
150
AFK157M25F24VT-F
37.5
0.14
0.16
0.16
600
F
8 x 10.5
500
220
AFK227M25F24VT-F
55
0.14
0.16
0.16
600
F
8 x 10.5
500
330
AFK337M25F24VT-F
82.5
0.14
0.16
0.16
600
F
8 x 10.5
500
470
AFK477M25G24VT-F
117.5
0.14
0.08
0.08
850
G
10 x 10.5
500
1000
AFK108M25H32VT-F
250
0.14
0.06
0.06
1100
H
12.5 x 13.8
200
1500
AFK158M25P44VT-F
375
0.14
0.035
0.035
1800
P
16 x 16.8
125
2200
AFK228M25P44VT-F
550
0.16
0.035
0.035
1800
P
16 x 16.8
125
3300
AFK338M25R44VT-F
825
0.18
0.033
0.033
2060
R
18 x 16.8
125
35 Vdc (44 Vdc Surge)
100
AFK107M35F24VT-F
35
0.12
0.16
0.16
600
F
8 x 10.5
500
150
AFK157M35F24VT-F
52.5
0.12
0.16
0.16
600
F
8 x 10.5
500
220
AFK227M35F24VT-F
77
0.12
0.16
0.16
600
F
8 x 10.5
500
330
AFK337M35G24VT-F
115.5
0.12
0.08
0.08
850
G
10 x 10.5
500
470
AFK477M35H32VT-F
164.5
0.12
0.06
0.06
1100
H
12.5 x 13.8
200
680
AFK687M35H32VT-F
238
0.12
0.06
0.06
1100
H
12.5 x 13.8
200
1000
AFK108M35P44VT-F
350
0.12
0.035
0.035
1800
P
16 x 16.8
125
1500
AFK158M35P44VT-F
525
0.12
0.035
0.035
1800
P
16 x 16.8
125
50 Vdc (63 Vdc Surge)
33
AFK336M50E16VT-F
16.5
0.1
0.68
0.68
195
E
8 x 6.5
1000
47
AFK476M50E16VT-F
23.5
0.1
0.68
0.68
195
E
8 x 6.5
1000
100
AFK107M50F24VT-F
50
0.1
0.34
0.34
350
F
8 x 10.5
500
150
AFK157M50G24VT-F
75
0.1
0.18
0.18
670
G
10 x 10.5
500
220
AFK227M50G24VT-F
110
0.1
0.18
0.18
670
G
10 x 10.5
500
330
AFK337M50H32VT-F
165
0.1
0.12
0.12
900
H
12.5 x 13.8
200
390
AFK397M50H32VT-F
195
0.1
0.12
0.12
900
H
12.5 x 13.8
200
470
AFK477M50P44VT-F
235
0.1
0.073
0.073
1610
P
16 x 16.8
125
560
AFK567M50P44VT-F
280
0.1
0.073
0.073
1610
P
16 x 16.8
125
680
AFK687M50P44VT-F
340
0.1
0.073
0.073
1610
P
16 x 16.8
125
1000
AFK108M50P44VT-F
500
0.1
0.073
0.073
1610
P
16 x 16.8
125
63 Vdc (75 Vdc Surge)
22
AFK226M63E16VT-F
13.9
0.08
1.2
1.2
120
E
8 x 6.5
1000
33
AFK336M63F24VT-F
20.8
0.08
0.65
0.65
250
F
8 x 10.5
500
47
AFK476M63F24VT-F
29.6
0.08
0.65
0.65
250
F
8 x 10.5
500
68
AFK686M63G24VT-F
42.8
0.08
0.35
0.35
400
G
10 x 10.5
500
100
AFK107M63G24VT-F
63
0.08
0.35
0.35
400
G
10 x 10.5
500
150
AFK157M63H32VT-F
94.5
0.08
0.16
0.16
800
H
12.5 x 13.8
200
220
AFK227M63H32VT-F
138.6
0.08
0.16
0.16
800
H
12.5 x 13.8
200
470
AFK477M63P44VT-F
296.1
0.08
0.082
0.082
1410
P
16 x 16.8
125
680
AFK687M63R44VT-F
428.4
0.08
0.08
0.08
1690
R
18 x 16.8
125
Note: ≥50V, 8 and 10 mm Dia.; 235ºC peak solder temperature



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com