Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFK107M2AP44VT-F Datasheet(PDF) 7 Page - Cornell Dubilier Electronics

Part # AFK107M2AP44VT-F
Description  Low Impedance and Long-Life for Filtering, Bypassing and Power Supply Decoupling
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

AFK107M2AP44VT-F Datasheet(HTML) 7 Page - Cornell Dubilier Electronics

  AFK107M2AP44VT-F Datasheet HTML 1Page - Cornell Dubilier Electronics AFK107M2AP44VT-F Datasheet HTML 2Page - Cornell Dubilier Electronics AFK107M2AP44VT-F Datasheet HTML 3Page - Cornell Dubilier Electronics AFK107M2AP44VT-F Datasheet HTML 4Page - Cornell Dubilier Electronics AFK107M2AP44VT-F Datasheet HTML 5Page - Cornell Dubilier Electronics AFK107M2AP44VT-F Datasheet HTML 6Page - Cornell Dubilier Electronics AFK107M2AP44VT-F Datasheet HTML 7Page - Cornell Dubilier Electronics AFK107M2AP44VT-F Datasheet HTML 8Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Cornell Dubilier
• 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8564 • Fax: (508)996-3830 • www.cde.com
Cornell Dubilier
• 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8564 • Fax: (508)996-3830 • www.cde.com
Type AFK_V, –55 °C to 105 °C, High Vibration
SMT Aluminum Electrolytic Capacitors - Lowest E.S.R., 105 °C
Case
Code
Case Dia.
(mm)
Voltage
(Vdc)
Peak
Temperature
Time at or above
255°C
Time at or above
230°C
Time at or above
200°C
Number of Reflow
Processes
E
8
6.3, 10, 16, 25,35
260°C
5 sec.
60 sec.
--
1
F
8
2
G
10
1
E, F, G
8,10
50, 63, 80, 100
235°C
--
5 sec.
60 sec.
1
0
50
100
150
200
250
300
120 seconds
160°C
Peak Temperature
217°C
T2 sec.
240°C
t1 sec.
mm
Case Size
Case
Code
W ± 0.3
A ± 0.2
B +0.3/-
0.2
C ±
0.2
F ±
0.1
P ±
0.1
t1
t2 ±
0.2
φd
+0.1/-0
P1 ±
0.1
P2 ±
0.1
W1 ±
0.1
8 x6.2
E
16
8.7
8.7
11.4
7.5
12
0.4
6.8
1.5
2
4
1.75
8 x 10.2
F
24
8.7
8.7
12.5
11.5
16
11
10 x 10.2
G
10.7
10.7
14.5
mm
Case Size
Case
Code
W ±0.3
A ±0.5
B ±0.5
C±0.5
F ±0.1
S ± 0.1
P ±0.1
t1
t2±0.2 φd +0.1/-0 P1 ±0.1 P2 ±0.1
12.5 x 13.5
H
32
14.0
14.0
18.0
14.2
28.4
24
0.5
14.5
1.5
2
4
16 x 16.5
P
44
17.5
17.5
23.00
20.2
40.4
28
17.5
18 x 16.5
R
19.5
19.5
26.00
32
Recommended Reflow Soldering
Time (sec)
0
50
100
150
200
250
300
120 seconds
160°C
Peak Temperature
230°C
60 sec.
5 sec.
255°C
Time (sec)
Case Code Case Dia. (mm)
Voltage Rating Peak Temperature Time at or above
240°C (t1)
Time at or
above 217°C
(T2)
Number of Reflow
Processes
H, P, R
12.5,16, 18
6.3, 10, 16, 25, 35
245°C
30 seconds
90 seconds
2
50, 63
5 seconds
30 seconds
2
80, 100
5 seconds
30 seconds
1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com