Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STA533WF Datasheet(PDF) 6 Page - STMicroelectronics

Part # STA533WF
Description  Multipower BCD technology
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA533WF Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STA533WF Datasheet HTML 2Page - STMicroelectronics STA533WF Datasheet HTML 3Page - STMicroelectronics STA533WF Datasheet HTML 4Page - STMicroelectronics STA533WF Datasheet HTML 5Page - STMicroelectronics STA533WF Datasheet HTML 6Page - STMicroelectronics STA533WF Datasheet HTML 7Page - STMicroelectronics STA533WF Datasheet HTML 8Page - STMicroelectronics STA533WF Datasheet HTML 9Page - STMicroelectronics STA533WF Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Electrical characteristics
STA533WF
6/15
Doc ID 17658 Rev 2
Test circuits
Figure 2.
Test circuit
Figure 3.
Current dead time test circuit
Table 7.
Logic truth table
Pin
PWRDN
Pin
TRISTATE
Inputs as per Figure 3
Transistors as per Figure 3
Output mode
INxA
INxB
Q1
Q2
Q3
Q4
0
0
x
x
Off
Off
Off
Off
Hi Z
1
1
0
0
Off
Off
On
On
Dump
1
1
0
1
Off
On
On
Off
Negative
1
1
1
0
On
Off
Off
On
Positive
1
1
1
1
On
On
Off
Off
Not used
Low current dead time = MAX(DTr,DTf)
OUTxY
Vcc
(3/4)Vcc
(1/2)Vcc
(1/4)Vcc
t
DTf
DTr
Duty cycle = 50%
INxY
OUTxY
gnd
+Vcc
R 8
Ω
+
-
vdc = Vcc/2
D03AU1458
High Current Dead time for Bridge application = ABS(DTout(A)-DTin(A))+ABS(DTOUT(B)-DTin(B))
+VCC
Rload=8
Ω
Q2
OUTxB
DTout(B)
DTin(B)
DTout(A)
470nF
470nF
470nF
Iout
Iout
Q4
Q1
Q3
INxB
D00AU1162_00
INxA
DTin(A)
Duty cycle=A
Duty cycle=B
Duty cycle A and B: Fixed to have DC output current of Iout in the direction shown in figure
22
μ
22
μ
OUTxA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com