Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STA533WF Datasheet(PDF) 1 Page - STMicroelectronics

Part # STA533WF
Description  Multipower BCD technology
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA533WF Datasheet(HTML) 1 Page - STMicroelectronics

  STA533WF Datasheet HTML 1Page - STMicroelectronics STA533WF Datasheet HTML 2Page - STMicroelectronics STA533WF Datasheet HTML 3Page - STMicroelectronics STA533WF Datasheet HTML 4Page - STMicroelectronics STA533WF Datasheet HTML 5Page - STMicroelectronics STA533WF Datasheet HTML 6Page - STMicroelectronics STA533WF Datasheet HTML 7Page - STMicroelectronics STA533WF Datasheet HTML 8Page - STMicroelectronics STA533WF Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
June 2011
Doc ID 17658 Rev 2
1/15
15
STA533WF
18-volt, 3-amp, quad power half-bridge
Features
■ Multipower BCD technology
■ Low input/output pulse width distortion
■ 200-m
Ω RdsON complementary DMOS output
stage
■ CMOS-compatible logic inputs
■ Thermal protection
■ Thermal warning output
■ Undervoltage protection
■ Short-circuit protection
Description
The STA533WF is a monolithic quad half-bridge
stage in multipower BCD technology. The device
can be used as a dual bridge or reconfigured, by
connecting pin CONFIG to pins VDD, as a single
bridge with double-current capability.
The device is designed for the output stage of a
stereo Full Flexible Amplifier (FFX™). It is
capable of delivering 10 W x 4 channels into 4-
Ω
loads with 10% THD at VCC =18V in
single-ended configuration.
It can also deliver 20 W + 20 W into 8-
Ω loads
with 10% THD at VCC = 18 V in BTL configuration
or, in single parallel BTL configuration, 40 W into
a 4-
Ω load with 10% THD at VCC = 18 V.
The input pins have a threshold proportional to
the voltage on pin VL.
The STA533WF comes in a 36-pin PowerSSO
package with exposed pad down (EPD).
PowerSSO36 package
with exposed pad down
Table 1.
Device summary
Order code
Temperature range
Package
Packaging
STA533WF
0 to 70 °C
PowerSSO36 EPD
Tube
STA533WF13TR
0 to 70 °C
PowerSSO36 EPD
Tape and reel
www.st.com


Similar Part No. - STA533WF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA533WF STMICROELECTRONICS-STA533WF_11 Datasheet
258Kb / 15P
18-volt, 3-amp, quad power half-bridge
22-Jun-2011
More results

Similar Description - STA533WF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4518B PHILIPS-HEF4518B Datasheet
66Kb / 7P
Dual BCD counter
January 1995
logo
STMicroelectronics
L6280 STMICROELECTRONICS-L6280 Datasheet
388Kb / 26P
THREE CHANNELS MULTIPOWER DRIVER SYSTEM
Jan-1992
L6285 STMICROELECTRONICS-L6285 Datasheet
303Kb / 16P
3 CHANNELS MULTIPOWER SYSTEM
May-1994
logo
Hitachi Semiconductor
HD14527B HITACHI-HD14527B Datasheet
94Kb / 6P
BCD Rate Muliplier
logo
Texas Instruments
SN54184 TI-SN54184 Datasheet
376Kb / 9P
BCD TO BINARY AND BINARY TO BCD CONVERTERS
logo
National Semiconductor ...
DM54184 NSC-DM54184 Datasheet
180Kb / 10P
BCD-to-Binary and Binary-to-BCD Converters
logo
Motorola, Inc
MC14527B MOTOROLA-MC14527B Datasheet
249Kb / 8P
BCD Rate Multiplier
logo
STMicroelectronics
HCF4527B STMICROELECTRONICS-HCF4527B_02 Datasheet
265Kb / 12P
BCD RATE MULTIPLEXER
Oct-2002
AN2640 STMICROELECTRONICS-AN2640 Datasheet
1Mb / 36P
Intelligent multipower digital ballast for fluorescent lamps
28-Jan-2008
logo
Nexperia B.V. All right...
HEF4518B NEXPERIA-HEF4518B Datasheet
221Kb / 13P
Dual BCD counter
Rev. 9 - 3 December 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com