Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STLVDS3486 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STLVDS3486
Description  High speed differential line drivers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLVDS3486 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STLVDS3486 Datasheet HTML 2Page - STMicroelectronics STLVDS3486 Datasheet HTML 3Page - STMicroelectronics STLVDS3486 Datasheet HTML 4Page - STMicroelectronics STLVDS3486 Datasheet HTML 5Page - STMicroelectronics STLVDS3486 Datasheet HTML 6Page - STMicroelectronics STLVDS3486 Datasheet HTML 7Page - STMicroelectronics STLVDS3486 Datasheet HTML 8Page - STMicroelectronics STLVDS3486 Datasheet HTML 9Page - STMicroelectronics STLVDS3486 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Electrical characteristics
STLVDS3486
6/15
4
Electrical characteristics
Table 5.
Electrical characteristics
(Over recommended operating conditions unless otherwise noted. All typical values are at
TA = 25°C, and VCC = 3.3V).
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VITH+
Positive Going Differential Input Voltage
Threshold
100
mV
VITH-
Negative Going Differential Input
Voltage Threshold
-100
mV
VOH
High Level Output Voltage
IOH = -8mA
2.4
V
IOH = -4mA
2.8
VOL
Low Level Output Voltage
IOH = 8mA
0.4
V
ICC
Supply Current
Enabled, No Load
10
18
mA
Disabled
0.25
0.5
mA
II
Input Current (A or B inputs)
VI = 0V
-2
-10
-20
µA
VI = 2.4V
-1.2
-3
II(OFF)
Power off Input Current (A or B inputs)
VCC = 0, VI = 3.6V
10
20
µA
IIH
High Level Input Current (EN, G, G or
Inputs)
VIH = 2V
10
µA
IIL
Low Level Input Current (EN, G, G or
Inputs)
VIL = 0.8V
10
µA
IOZ
High Impedance Output Current
VO = 0 or VCC
± 10
µA
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com