Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STLVDS3486 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STLVDS3486
Description  High speed differential line drivers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLVDS3486 Datasheet(HTML) 5 Page - STMicroelectronics

  STLVDS3486 Datasheet HTML 1Page - STMicroelectronics STLVDS3486 Datasheet HTML 2Page - STMicroelectronics STLVDS3486 Datasheet HTML 3Page - STMicroelectronics STLVDS3486 Datasheet HTML 4Page - STMicroelectronics STLVDS3486 Datasheet HTML 5Page - STMicroelectronics STLVDS3486 Datasheet HTML 6Page - STMicroelectronics STLVDS3486 Datasheet HTML 7Page - STMicroelectronics STLVDS3486 Datasheet HTML 8Page - STMicroelectronics STLVDS3486 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
STLVDS3486
Maximum ratings
5/15
3
Maximum ratings
Note:
Absolute Maximum Ratings are those values beyond which damage to the device may
occur. Functional operation under these condition is not implied.
Note:
1
All voltages except differential I/O bus voltage, are with respect to the network ground
terminal.
Table 3.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage (Note 1)
-0.5 to 4.6
V
VI
Input voltage
-0.5 to (VCC + 0.5)
V
VI
Input voltage (A or B inputs)
-0.5 to 4.6
V
ESD
Human body model
Pins receivers
7
KV
All pins vs gnd
3
Tstg
Storage temperature range
-65 to +150
°C
Table 4.
Recommended operating conditions
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Supply voltage
3.0
3.3
3.6
V
VIH
HIGH Level input voltage (enable)
2.0
V
VIL
LOW Level input voltage (enable)
0.8
V
|VID|
Magnitude of differential input voltage
0.1
0.6
V
VIC
Common mode input voltage
0.5|VID|
2.4-0.5|VID|V
VCC - 0.8
TJ
Operating temperature range
-40
85
°C
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com