Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BZW06-10 Datasheet(PDF) 2 Page - STMicroelectronics

Part # BZW06-10
Description  Unidirectional and bidirectional types
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BZW06-10 Datasheet(HTML) 2 Page - STMicroelectronics

  BZW06-10 Datasheet HTML 1Page - STMicroelectronics BZW06-10 Datasheet HTML 2Page - STMicroelectronics BZW06-10 Datasheet HTML 3Page - STMicroelectronics BZW06-10 Datasheet HTML 4Page - STMicroelectronics BZW06-10 Datasheet HTML 5Page - STMicroelectronics BZW06-10 Datasheet HTML 6Page - STMicroelectronics BZW06-10 Datasheet HTML 7Page - STMicroelectronics BZW06-10 Datasheet HTML 8Page - STMicroelectronics BZW06-10 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Characteristics
BZW06
2/9
DocID2972 Rev 4
1
Characteristics
Table 2: Absolute maximum ratings (Tamb = 25 °C)
Symbol
Parameter
Value
Unit
Ppp
Peak pulse power
Tj initial = Tamb
600
W
P
Power dissipation on infinite heatsink
Tamb = 75 °C
1.7
IFSM
Non repetitive surge peak forward current
tp = 10 ms
Tj initial = Tamb
100
A
Tstg
Storage junction temperature range
-65 to +175
°C
Tj
Operating junction temperature range
-55 to +175
TL
Maximum temperature for soldering during 10 s at 5 mm from case
260
Figure 1: Electrical characteristics (definitions)
Table 3: Thermal resistances
Symbol
Parameter
Value
Unit
Rth(j-l)
Junction to leads
60
°C/W
Rth(j-a)
Junction to ambient on printed circuit. Llead = 10 mm
100



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com