Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BZW06-10 Datasheet(PDF) 4 Page - STMicroelectronics

Part # BZW06-10
Description  Unidirectional and bidirectional types
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BZW06-10 Datasheet(HTML) 4 Page - STMicroelectronics

  BZW06-10 Datasheet HTML 1Page - STMicroelectronics BZW06-10 Datasheet HTML 2Page - STMicroelectronics BZW06-10 Datasheet HTML 3Page - STMicroelectronics BZW06-10 Datasheet HTML 4Page - STMicroelectronics BZW06-10 Datasheet HTML 5Page - STMicroelectronics BZW06-10 Datasheet HTML 6Page - STMicroelectronics BZW06-10 Datasheet HTML 7Page - STMicroelectronics BZW06-10 Datasheet HTML 8Page - STMicroelectronics BZW06-10 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Characteristics
BZW06
4/9
DocID2972 Rev 4
1.1
Characteristics (curves)
Figure 2: Pulse waveform (10/1000
μs)
Figure 3: Peak pulse power dissipation versus
initial junction temperature
Figure 4: Peak pulse power versus exponential
pulse duration
Figure 5: Clamping voltage versus peak pulse
current (maximum values).
Figure 6: Junction capacitance versus reverse
applied voltage (unidirectional types)
100
50
0
% Ipp
t
1000 µs
Pulse waveform 10/1000 µs
10 µs
0
100
200
300
400
500
600
700
0
25
50
75
100
125
150
175
200
Tj(°C)
10/1000 µs
PPP(W)
0.1
1.0
10.0
100.0
1.0E-03
1.0E-02
1.0E-01
1.0E+00
1.0E+01
tP(ms)
T
j initial = 25 °C
PPP(kW)
0.1
1.0
10.0
100.0
1000.0
1
10
100
1000
VCL(V)
10/1000 µs
T
j initial = 25 °C
8/20 µs
10 ms
IPP(A)
10
100
1000
10000
1
10
100
1000
VR(V)
C(pF)
F = 1 MHz
V
osc = 30 mVRMS
T
j = 25 °C
BZW06-5V8
BZW06-13
BZW06-58
BZW06-171



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com