Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC87415 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87415
Description  PCI-IDE DMA Master Mode Interface Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87415 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button PC87415 Datasheet HTML 2Page - National Semiconductor (TI) PC87415 Datasheet HTML 3Page - National Semiconductor (TI) PC87415 Datasheet HTML 4Page - National Semiconductor (TI) PC87415 Datasheet HTML 5Page - National Semiconductor (TI) PC87415 Datasheet HTML 6Page - National Semiconductor (TI) PC87415 Datasheet HTML 7Page - National Semiconductor (TI) PC87415 Datasheet HTML 8Page - National Semiconductor (TI) PC87415 Datasheet HTML 9Page - National Semiconductor (TI) PC87415 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
40 Pin Description (Continued)
43 POWER CONTROL
Name
Type
Description
IDE
PWR
O
IDE Power
During power up this signal is used to disable power to the IDE cables It may also be
programmed on or off (see Control Register bits 3 and 18) It is active for as long as the PCI reset signal or if
the reset bit in the Control Register is set
44 POWER AND GROUND
Name
Type
Description
GND
I
VSS or GROUND
VDD
I
a
5V
http
www nationalcom
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com