Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC87415 Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87415
Description  PCI-IDE DMA Master Mode Interface Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87415 Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button PC87415 Datasheet HTML 15Page - National Semiconductor (TI) PC87415 Datasheet HTML 16Page - National Semiconductor (TI) PC87415 Datasheet HTML 17Page - National Semiconductor (TI) PC87415 Datasheet HTML 18Page - National Semiconductor (TI) PC87415 Datasheet HTML 19Page - National Semiconductor (TI) PC87415 Datasheet HTML 20Page - National Semiconductor (TI) PC87415 Datasheet HTML 21Page - National Semiconductor (TI) PC87415 Datasheet HTML 22Page - National Semiconductor (TI) PC87415 Datasheet HTML 23Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 42 page
background image
70 Functional Description
The Enhanced PCI-IDE controller interfaces up to four IDE
devices directly onto the PCI bus The controller has 4 major
blocks
PCI Interface
Data Buffers
IDE Interface
DMA Controller
71 PCI INTERFACE
711 Commands
The device acts as either a target or a master on the PCI
bus The following PCI commands are recognized by this
device when acting as a target
IO Read
IO Write
Configuration Read
Configuration Write
When this device is a master it generates the following PCI
commands
IO Read
IO Write
Memory Read
Memory Write
All the IO cycles are non-bursting (target or as a master)
Memory Reads and Writes are all burst capable
712 Termination
7121 Target Abort in Target Mode
When the device is operating as a target (the IDE channel
operating in PIO mode) it can generate a target abort under
3 conditions These conditions are as follows
Condition 1 During the address phase a reserved or un-
supported combination on the command inputs
has been detected
Condition 2 During an IO write or read cycle an illegal
combination has been detected on the byte en-
able inputs and the 2 least significant address
lines
Condition 3 During a configuration write or read cycle the 2
least significant address lines have been non-
zero This means the configuration cycle ad-
dress is not double word aligned
Conditions 1 through 3 cause the target-abort bit to be set in
the Status Register (bit 11)
7122 Retry in Target Mode
When the device is a PCI target a WATCHDOGTM timer is
provided to prevent the device from holding the cycle for
more than 32 PCI clocks This timer is enabled through the
Control Register bit 10 If the timer expires a retry is gener-
ated on the PCI bus
7123 Target Abort in Master Mode
When the device is operating as a master (the IDE channel
operating in DMA mode) and the target device issues a tar-
get abort the master cycle will be terminated and the PCI
Status register updated indicating that the master was termi-
nated with a target abort
7124 Retry in Master Mode
When the device is doing a master cycle and the target
responds with a retry the cycle is terminated by de-assert-
ing FRAME
and no data is transferred The device then
tries to continue to do the terminated cycle until successful
7125 Disconnect in Master Mode
When the device is doing a master burst cycle and the tar-
get issues a disconnect command the master cycle termi-
nates the burst cycle by de-asserting FRAME
The device
then continues to transfer the remainder of the burst cycle
by asserting FRAME
again and tries to do another burst
cycle
7126 Master Abort in Master Mode
When the device is operating as a master and the target
doesn’t respond with DEVSEL
by the end of the 6th PCI
clock the master cycle is terminated and a master abort is
signaled by writing into the PCI Status register indicating
that the master cycle was terminated
72 DATA BUFFERS
721 Write Posting
The device provides 4 levels of write posting (16 bytes) per
channel If the buffer is not full the TRDY
signal is re-
turned to the PCI bus 1 clock after DEVSEL
is asserted
during a write operation This provides additional perform-
ance during transfers to the IDE devices Writes to the data
port are only posted Writes to the command or control
block by-pass the posting buffer If the buffer is not empty
and the CPU tries to either access the command or control
port of the current channel in PIO mode the access is held
off until the write buffers of the current channel are flushed
out to the IDE bus and then the command or control port
access is processed using the by-pass mode If the channel
is in DMA mode then the access to the non data port will go
through at a higher priority than the buffered write access
722 Prefetch
The device provides 4 levels of prefetch buffers (16 bytes)
used for both channels Reads to the command or control
block will by-pass the prefetch buffer If the buffer is not
empty and the CPU tries to either access the command or
control port of the current channel in PIO mode the access
is held off until the prefetch buffers of the current channel
are filled and then the command or control port access is
processed using the by-pass mode If the channel is in DMA
mode the access to the non data port will go through even
though there is data in the prefetch buffer
723 Two Channel Buffer Protocol
The device could respond to accesses to another channel
while the buffer of the current channel is being filled or is
full Accesses to the 2 channels are interleaved giving each
channel equal access Interleaving is done on a cycle by
cycle basis If only one channel is being accessed then that
IDE channel is given the full IDE bus bandwidth
73 IDE INTERFACE
The device interfaces IDE drives onto the PCI bus It inter-
cepts IO commands intended for the IDE drives and then
emulates the IDE bus cycles to the drive interface at higher
speeds (eg mode 4) The IO port addresses monitored
are either the legacy addresses or a PCI mapped IO ad-
dresses The IDE port definition is shown in Table I as de-
fined in the ATA interface specification
http
www nationalcom
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com