Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L9660 Datasheet(PDF) 6 Page - STMicroelectronics

Part # L9660
Description  Quad squib driver ASIC for safety application
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9660 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L9660 Datasheet HTML 2Page - STMicroelectronics L9660 Datasheet HTML 3Page - STMicroelectronics L9660 Datasheet HTML 4Page - STMicroelectronics L9660 Datasheet HTML 5Page - STMicroelectronics L9660 Datasheet HTML 6Page - STMicroelectronics L9660 Datasheet HTML 7Page - STMicroelectronics L9660 Datasheet HTML 8Page - STMicroelectronics L9660 Datasheet HTML 9Page - STMicroelectronics L9660 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 49 page
background image
Block diagram and pin description
L9660
6/49
DocID024714 Rev 2
15
N.C.
Not connected
-
-
16
SCLK
SPI Clock
Input
Hi-Z
17
N.C.
Not connected
-
-
18
N.C.
Not connected
-
-
19
N.C.
Not connected
-
-
20
N.C.
Not connected
-
-
21
N.C.
Not connected
-
-
22
N.C.
Not connected
-
-
23
N.C.
Not connected
-
-
24
N.C.
Not connected
-
-
25
GND2
Power Ground for Loop Channel 2
-
-
26
SQL2
Low Side Driver Output for Channel 2
Output
Pull-down
27
SQH2
High Side Driver Output for Channel 2
Output
Hi-Z
28
VRES2
Reserve Voltage for Loop Channel 2
Input
-
29
VRES3
Reserve Voltage for Loop Channel 3
Input
-
30
SQH3
High Side Driver Output for Channel 3
Output
Hi-Z
31
SQL3
Low Side Driver Output for Channel 3
Output
Pull-down
32
GND3
Power Ground for Loop Channel 3
-
-
33
TEST
Test pin
Input
Pull-down
34
VSDIAG
Supply for Deployment Driver Diagnostics
Input
-
35
N.C.
Not connected
-
-
36
Reserved
Factory testmode output
-
-
37
Reserved
Factory testmode output
-
-
38
N.C.
Not connected
-
-
39
N.C.
Not connected
-
-
40
N.C.
Not connected
-
-
41
N.C.
Not connected
-
-
42
N.C.
Not connected
-
-
43
N.C.
Not connected
-
-
44
N.C.
Not connected
-
-
45
N.C.
Not connected
-
-
46
IREF
External Current Reference Resistor
Output
-
47
AGND
Ground Reference for AOUT
-
-
48
AOUT
Analog Output for Loop Diagnostics
Output
Hi-Z
49
N.C.
Not connected
-
-
Table 2. Pin description (continued)
Pin Number
Pin name
Description
I/O type
Reset state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com