Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L9660 Datasheet(PDF) 5 Page - STMicroelectronics

Part # L9660
Description  Quad squib driver ASIC for safety application
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9660 Datasheet(HTML) 5 Page - STMicroelectronics

  L9660 Datasheet HTML 1Page - STMicroelectronics L9660 Datasheet HTML 2Page - STMicroelectronics L9660 Datasheet HTML 3Page - STMicroelectronics L9660 Datasheet HTML 4Page - STMicroelectronics L9660 Datasheet HTML 5Page - STMicroelectronics L9660 Datasheet HTML 6Page - STMicroelectronics L9660 Datasheet HTML 7Page - STMicroelectronics L9660 Datasheet HTML 8Page - STMicroelectronics L9660 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 49 page
background image
DocID024714 Rev 2
5/49
L9660
Block diagram and pin description
48
1
Block diagram and pin description
1.1
Block diagram
Figure 1. Block diagram
1.2
Pin description
Table 2. Pin description
Pin Number
Pin name
Description
I/O type
Reset state
1
MISO
SPI Data Out
Output
Hi-Z
2
N.C.
Not connected
-
-
3
FEN1
Fire enable for channels 0 and 1
Input
Pull-down
4
N.C.
Not connected
-
-
5
RESETB
Reset pin
Input
Pull-up
6
GND
Ground (Analog & Digital)
-
-
7
VDD
VDD Supply Voltage
Input
-
8
N.C.
Not connected
-
-
9
FEN2
Fire enable for channels 2 and 3
Input
Pull-down
10
N.C.
Not connected
-
-
11
N.C.
Not connected
-
-
12
CS_D
SPI Chip Select for Deployment Driver
Input
Pull-up
13
MOSI
SPI Data In
Input
Hi-Z
14
N.C.
Not connected
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com