Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LCDP1521S Datasheet(PDF) 1 Page - STMicroelectronics

Part # LCDP1521S
Description  Dual line programmable transient voltage suppressor for SLIC protection
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LCDP1521S Datasheet(HTML) 1 Page - STMicroelectronics

  LCDP1521S Datasheet HTML 1Page - STMicroelectronics LCDP1521S Datasheet HTML 2Page - STMicroelectronics LCDP1521S Datasheet HTML 3Page - STMicroelectronics LCDP1521S Datasheet HTML 4Page - STMicroelectronics LCDP1521S Datasheet HTML 5Page - STMicroelectronics LCDP1521S Datasheet HTML 6Page - STMicroelectronics LCDP1521S Datasheet HTML 7Page - STMicroelectronics LCDP1521S Datasheet HTML 8Page - STMicroelectronics LCDP1521S Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
February 2017
Doc16268 Rev 7
1/13
This is information on a product in full production.
www.st.com
LCDP1521S
Dual line programmable transient voltage suppressor for
SLIC protection
Datasheet - production data
Features
Dual line programmable transient voltage
suppressor with separated gates
Wide negative firing voltage range:
VGn = -175 V max.
Low dynamic switching voltages:
VFP and VDGL
Low gate triggering current: IGT = 5 mA max
Peak pulse current: IPP
= 40 A (5/310 μs)
Holding current: IH = 150 mA min.
Benefits
A Trisil™ is not subject to ageing and
provides a fail safe mode in short circuit for a
better protection.
Trisils are used to help equipment to meet
various standards such as UL1950,
IEC 60950 / CSA C22.2, UL1459 and
TIA-968-A (formerly FCC part 68).
Trisils have UL94 V0 resin approved (Trisils
are UL497B approved - file: E136224).
Description
This device has been especially designed to
protect 2 new high voltage, as well as classical
SLICs, against transient overvoltages.
Positive overvoltages are clamped by 2 diodes.
Negative surges are suppressed by 2 thyristors,
their breakdown voltage being referenced to
-VBAT through the gate. Separated gates allow the
SLICs to be supplied by two different voltages.
Figure 1: Functional diagram
SO-8
Gn1
Gn2
GND
GND
1
2
3
4
8
7
6
5
Line
(TIP1 or RING1)
Line
(TIP2 or RING2)
Line
(RING2 or TIP2)
Line
(RING1 or TIP1)


Similar Part No. - LCDP1521S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LCDP1521 STMICROELECTRONICS-LCDP1521 Datasheet
94Kb / 8P
DUAL LINE PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
Mar-2002
LCDP1521 STMICROELECTRONICS-LCDP1521 Datasheet
118Kb / 11P
Dual line programmable transient voltage suppressor for SLIC protection
07-Feb-2006
LCDP1521RL STMICROELECTRONICS-LCDP1521RL Datasheet
94Kb / 8P
DUAL LINE PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
Mar-2002
LCDP1521RL STMICROELECTRONICS-LCDP1521RL Datasheet
118Kb / 11P
Dual line programmable transient voltage suppressor for SLIC protection
07-Feb-2006
LCDP1521 STMICROELECTRONICS-LCDP1521_06 Datasheet
118Kb / 11P
Dual line programmable transient voltage suppressor for SLIC protection
07-Feb-2006
More results

Similar Description - LCDP1521S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LCDP1511D STMICROELECTRONICS-LCDP1511D Datasheet
56Kb / 6P
DUAL LINE PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
Sep-1999
LCDP1521 STMICROELECTRONICS-LCDP1521 Datasheet
94Kb / 8P
DUAL LINE PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
Mar-2002
LCP1511D STMICROELECTRONICS-LCP1511D Datasheet
64Kb / 7P
PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
Feb-1998
LCP1521 STMICROELECTRONICS-LCP1521 Datasheet
112Kb / 9P
PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
Sep-1999
LCP1521S STMICROELECTRONICS-LCP1521S Datasheet
125Kb / 11P
PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
07-Jul-2006
LCP1521S STMICROELECTRONICS-LCP1521S_06 Datasheet
175Kb / 11P
Programmable transient voltage suppressor for SLIC protection
07-Jul-2006
LCDP1521 STMICROELECTRONICS-LCDP1521_06 Datasheet
118Kb / 11P
Dual line programmable transient voltage suppressor for SLIC protection
07-Feb-2006
LCP1511DRL STMICROELECTRONICS-LCP1511DRL Datasheet
166Kb / 7P
PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
Oct-2003
LCP1531RL STMICROELECTRONICS-LCP1531RL Datasheet
153Kb / 10P
Programmable transient voltage suppressor for SLIC protection
27-Aug-2013
LCP154DJF STMICROELECTRONICS-LCP154DJF Datasheet
302Kb / 13P
Programmable transient voltage suppressor for SLIC protection
25-Sep-2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com