Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LCDP1521S Datasheet(PDF) 3 Page - STMicroelectronics

Part # LCDP1521S
Description  Dual line programmable transient voltage suppressor for SLIC protection
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LCDP1521S Datasheet(HTML) 3 Page - STMicroelectronics

  LCDP1521S Datasheet HTML 1Page - STMicroelectronics LCDP1521S Datasheet HTML 2Page - STMicroelectronics LCDP1521S Datasheet HTML 3Page - STMicroelectronics LCDP1521S Datasheet HTML 4Page - STMicroelectronics LCDP1521S Datasheet HTML 5Page - STMicroelectronics LCDP1521S Datasheet HTML 6Page - STMicroelectronics LCDP1521S Datasheet HTML 7Page - STMicroelectronics LCDP1521S Datasheet HTML 8Page - STMicroelectronics LCDP1521S Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
LCDP1521S
Characteristics
Doc16268 Rev 7
3/13
Table 3: Absolute ratings ((0 °C < Tj < 70 °C, unless otherwise specified))
Symbol
Parameter
Value
Unit
Ipp
Peak pulse current(1)
Telcordia GR-1089-
CORE Issue 6, May
2011, section 4
10/1000 µs
25
A
TIA-968-A,
lightning surge type A
10/560 µs
30
ITU-T K20/21/44/45,
(10/700 µs open circuit
voltage waveshape)
5/310 µs
40
TIA-968-A,
lightning surge type A
10/160 µs
45
IEC 61000-4-5,
(1.2/50 µs open circuit
waveshape) with 10 Ω
2/40 µs
85
ITU-T K20/21/44/45,
(1.2/50 µs open circuit
voltage waveshape)
8/20 µs
90
Telcordia GR-1089-
CORE Issue 6, (2/10 µs
open circuit waveshape)
2/10 µs
100
ITSM
Non repetitive surge
peak on-state current
(50 Hz sinusoidal)(1)
t = 0.2 s
t = 1 s
t = 2 s
t = 15 mn
5
3.5
3
1.3
A
VGN
Negative battery
voltage range
-40 °C < Tamb <
+85 °C
-175
V
Tstg
Storage junction temperature range
-55 to + 150
°C
Tj
Maximum operating junction temperature
TL
Maximum temperature for soldering during 10 s
260
°C
Notes:
(1)The rated current values may be applied either to the Ring to GND or to the Tip to GND terminal pairs.
Additionally, the four terminal pairs may have their rated current values applied simultaneously (in this case the
GND terminal current will be four times the rated current value of an individual terminal pair)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com