Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LCP154DJF Datasheet(PDF) 1 Page - STMicroelectronics

Part # LCP154DJF
Description  Programmable transient voltage suppressor for SLIC protection
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LCP154DJF Datasheet(HTML) 1 Page - STMicroelectronics

  LCP154DJF Datasheet HTML 1Page - STMicroelectronics LCP154DJF Datasheet HTML 2Page - STMicroelectronics LCP154DJF Datasheet HTML 3Page - STMicroelectronics LCP154DJF Datasheet HTML 4Page - STMicroelectronics LCP154DJF Datasheet HTML 5Page - STMicroelectronics LCP154DJF Datasheet HTML 6Page - STMicroelectronics LCP154DJF Datasheet HTML 7Page - STMicroelectronics LCP154DJF Datasheet HTML 8Page - STMicroelectronics LCP154DJF Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
This is information on a product in full production.
September 2015
DocID028213 Rev 1
1/13
LCP154DJF
Programmable transient voltage suppressor for SLIC protection
Datasheet
- production data
Features
• Programmable transient suppressor
• Wide negative firing voltage range: V
Gn = -
175 V max.
• Low dynamic switching voltages: V
FP and VDGL
• Low gate triggering current: IGT = 5 mA max.
• Peak pulse current:
–IPP = 100 A (10/1000 µs)
–IPP = 150 A (5/310 µs)
–IPP = 500 A (2/10 µs)
• Holding current: I
H = 150 mA min.
Benefits
• Trisil™ is not subject to ageing and provides a
fail safe mode in short circuit for a better level
of protection.
• Trisils are used to ensure equipment meets
various standards such as UL60950,
IEC 60950 / CSA C22.2, UL1459, TIA-968-A
(formerly FCC part 68)
• Trisils have UL94 V0 approved resin (Trisils
are UL497B approved [file: E136224]).
Description
This device has been especially designed to
protect new high voltage, as well as classical
SLICs, against transient overvoltages.
Positive overvoltages are clamped by 2 diodes.
Negative surges are suppressed by 2 thyristors,
their breakdown voltage being referenced to -VBAT
through the gate.
LCP154DJF is specified to comply with
ITU-T K20/21/45 and GR1089-Core when
associated with Cooper Bussmann Telecom
Circuit Protector fuse TCP 1.25 A.
LCP154DJF is packaged in a PowerFLAT™ 5x6
to meet IEC/UL 60950 clearance requirements.
Figure 1. Functional diagram
TM: Trisil is a trademark of STMicroelectronics
www.st.com


Similar Part No. - LCP154DJF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LCP150S STMICROELECTRONICS-LCP150S Datasheet
59Kb / 6P
PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
Feb-1998
LCP1511 STMICROELECTRONICS-LCP1511 Datasheet
64Kb / 7P
PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
Feb-1998
LCP1511D STMICROELECTRONICS-LCP1511D Datasheet
64Kb / 7P
PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
Feb-1998
LCP1511D STMICROELECTRONICS-LCP1511D Datasheet
166Kb / 7P
PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
Oct-2003
LCP1511DRL STMICROELECTRONICS-LCP1511DRL Datasheet
166Kb / 7P
PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
Oct-2003
More results

Similar Description - LCP154DJF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L3121B STMICROELECTRONICS-L3121B Datasheet
60Kb / 7P
PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
May-1999
LCDP1521 STMICROELECTRONICS-LCDP1521 Datasheet
94Kb / 8P
DUAL LINE PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
Mar-2002
LCP150S STMICROELECTRONICS-LCP150S Datasheet
59Kb / 6P
PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
Feb-1998
LCP1511D STMICROELECTRONICS-LCP1511D Datasheet
64Kb / 7P
PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
Feb-1998
LCP1521 STMICROELECTRONICS-LCP1521 Datasheet
112Kb / 9P
PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
Sep-1999
LCP1521S STMICROELECTRONICS-LCP1521S Datasheet
125Kb / 11P
PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
07-Jul-2006
LCP1521S STMICROELECTRONICS-LCP1521S_06 Datasheet
175Kb / 11P
Programmable transient voltage suppressor for SLIC protection
07-Jul-2006
LCDP1521 STMICROELECTRONICS-LCDP1521_06 Datasheet
118Kb / 11P
Dual line programmable transient voltage suppressor for SLIC protection
07-Feb-2006
LCP1511DRL STMICROELECTRONICS-LCP1511DRL Datasheet
166Kb / 7P
PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
Oct-2003
LCP1531RL STMICROELECTRONICS-LCP1531RL Datasheet
153Kb / 10P
Programmable transient voltage suppressor for SLIC protection
27-Aug-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com