Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LCP154DJF Datasheet(PDF) 5 Page - STMicroelectronics

Part # LCP154DJF
Description  Programmable transient voltage suppressor for SLIC protection
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LCP154DJF Datasheet(HTML) 5 Page - STMicroelectronics

  LCP154DJF Datasheet HTML 1Page - STMicroelectronics LCP154DJF Datasheet HTML 2Page - STMicroelectronics LCP154DJF Datasheet HTML 3Page - STMicroelectronics LCP154DJF Datasheet HTML 4Page - STMicroelectronics LCP154DJF Datasheet HTML 5Page - STMicroelectronics LCP154DJF Datasheet HTML 6Page - STMicroelectronics LCP154DJF Datasheet HTML 7Page - STMicroelectronics LCP154DJF Datasheet HTML 8Page - STMicroelectronics LCP154DJF Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
DocID028213 Rev 1
5/13
LCP154DJF
Technical information
13
2
Technical information
Figure 4. Example of PCB layout based on LCP154DJF protection
Figure 4 shows the classical PCB layout used to optimize line protection. The 2 mm
distance is used to comply with IEC/UL 60950 clearance requirements.
The capacitor C is used to speed up the crowbar structure firing during the fast surge edges.
This allows minimization of the dynamic breakover voltage at the SLIC Tip and Ring inputs
during fast strikes. Note that this capacitor is generally present around the SLIC - Vbat pin.
So to be efficient it has to be as close as possible from the LCP Gate pin and from the
reference ground track (or plan).
The schematics of Figure 5 give the topology used to protect all SLICs according to ITU-T
K20/21/45 and GR1089-Core.
Figure 5. Protection of high voltage SLIC
GND
GND
To
SLIC
side
To
line side
100 nF
>2 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com