Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS1206GPX7RDBB103 Datasheet(PDF) 19 Page - YAGEO Corporation

Part # CS1206GPX7RDBB103
Description  SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

CS1206GPX7RDBB103 Datasheet(HTML) 19 Page - YAGEO Corporation

Back Button CS1206GPX7RDBB103 Datasheet HTML 11Page - YAGEO Corporation CS1206GPX7RDBB103 Datasheet HTML 12Page - YAGEO Corporation CS1206GPX7RDBB103 Datasheet HTML 13Page - YAGEO Corporation CS1206GPX7RDBB103 Datasheet HTML 14Page - YAGEO Corporation CS1206GPX7RDBB103 Datasheet HTML 15Page - YAGEO Corporation CS1206GPX7RDBB103 Datasheet HTML 16Page - YAGEO Corporation CS1206GPX7RDBB103 Datasheet HTML 17Page - YAGEO Corporation CS1206GPX7RDBB103 Datasheet HTML 18Page - YAGEO Corporation CS1206GPX7RDBB103 Datasheet HTML 19Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 19 / 19 page
background image
19
19
NPO & X7R
Soft Termination
16V to 3KV
Surface-Mount Ceramic Multilayer Capacitors
Product specification
www.yageo.com
Jan. 26, 2017 V.3
REVISION HISTORY
REVISION DATE
CHANGE NOTIFICATION
DESCRIPTION
Version 3
Jan. 26, 2017
-
- Global part number coding rule update
Version 2
Dec. 30, 2016 -
- Dimension updated
Version 1
Dec. 16, 2016 -
- Product range updated
Version 0
May 20, 2016
-
- New datasheet for soft termination NPO & X7R series with
RoHS compliant



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com